Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP24516DS-91NM Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # OP24516DS-91NM
Description  Conformance to RoHS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

OP24516DS-91NM Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  OP24516DS-91NM Datasheet HTML 1Page - Laird Tech Smart Technology OP24516DS-91NM Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ANT-DS-OP24516DS 0415
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of
Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or suitability of any Laird
materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold pursuant to the Laird Terms and
Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and
other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein
provides a license under any Laird or any third party intellectual property rights.
Dual Band 2400-2500 MHZ/5150-5875 MHz
6-port MIMO Pole/Mast Mount Antenna
OP24516DS
AZIMUTH PATTERNS
ELEVATION PATTERNS
Port 1
Port 3
Port 2
Frequency = 2400 MHz
Port 1
Port 3
Port 2
Frequency = 2400 MHz
Port 1
Port 3
Port 2
Frequency = 5550 MHz
Port 1
Port 3
Port 2
Frequency = 5550 MHz
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Similar Part No. - OP24516DS-91NM

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP245A OPTEK-OP245A Datasheet
360Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP245A OPTEK-OP245A Datasheet
229Kb / 3P
   Plastic Infrared Emitting Diode
OP245A OPTEK-OP245A Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP245A TTELEC-OP245A Datasheet
851Kb / 4P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP245B OPTEK-OP245B Datasheet
360Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
More results

Similar Description - OP24516DS-91NM

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DBA6927C1 LSTD-DBA6927C1 Datasheet
2Mb / 2P
   Conformance to RoHS
HCR8210M3 LSTD-HCR8210M3 Datasheet
1Mb / 2P
   Conformance to RoHS
HCR8819M3 LSTD-HCR8819M3 Datasheet
1,022Kb / 2P
   Conformance to RoHS
DBA6927C1-FSMAF LSTD-DBA6927C1-FSMAF Datasheet
2Mb / 2P
   Conformance to RoHS
HCR8065M LSTD-HCR8065M Datasheet
513Kb / 2P
   Conformance to RoHS
OP51508T LSTD-OP51508T Datasheet
1Mb / 2P
   Conformance to RoHS
PAV69278O LSTD-PAV69278O Datasheet
1Mb / 3P
   Conformance
logo
Keysight Technologies
T4010S KEYSIGHT-T4010S Datasheet
2Mb / 8P
   Conformance Test System
logo
M/A-COM Technology Solu...
28478-ERR-003-A MA-COM-28478-ERR-003-A_15 Datasheet
53Kb / 3P
   MUSYCC Non-Conformance
28478-ERR-003-A MA-COM-28478-ERR-003-A Datasheet
53Kb / 3P
   MUSYCC Non-Conformance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com