Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSLS03-15B15SR2S Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSLS03-15B15SR2S
Description  PSLS03 SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS03-15B15SR2S Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSLS03-15B15SR2S Datasheet HTML 1Page - Wall Industries,Inc. PSLS03-15B15SR2S Datasheet HTML 2Page - Wall Industries,Inc. PSLS03-15B15SR2S Datasheet HTML 3Page - Wall Industries,Inc. PSLS03-15B15SR2S Datasheet HTML 4Page - Wall Industries,Inc. PSLS03-15B15SR2S Datasheet HTML 5Page - Wall Industries,Inc. PSLS03-15B15SR2S Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev B
PSLS03 SERIES
3 Watts
AC/DC Converter
Single Output
11/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
SIP
SIP with 90º Bend
Size: 1.38in x 0.66in x 0.43in
(35mm x 16.85mm x 11mm)
Size: 1.38in x 0.71in x 0.43in
(35mm x 18mm x 11mm)
FEATURES
Ultra Wide Input Voltage Range
of 85~264VAC/70~400VDC
Low Power Consumption
High Efficiency
High Power Density
RoHS Compliant
Over Current and Short Circuit Protection
Industrial Grade
Has IEC60950, EN60950, UL60950, UL
and CE Safety Approvals
DESCRIPTION
This PSLS03 series of AC/DC converters offers up to 3 watts of output power
in either a SIP model or SIP model with a 90º bend. This series consists of
single output models with an ultra-wide input voltage range of 85-264VAC.
Each model in this series has low power consumption, high efficiency and high
power density, as well as over current and short circuit protection. This series
has IEC60950, EN60950, UL60950, UL and CE safety approvals.
MODEL SELECTION TABLE
Model Number(1)
Input Voltage
Range
Nominal Output
Voltage
Output Current Ripple & Noise Output Power Maximum Capacitive Load Efficiency
PSLS03-15B03SR2S(-F)
85-264VAC
(70-400VDC)
3.3V
500mA
70mV
1.65W
470uF
63%
PSLS03-15B05SR2S(-F)
5V
500mA
70mV
2.5W
470uF
68%
PSLS03-15B09SR2S(-F)
9V
333mA
50mV
3W
150uF
75%
PSLS03-15B12SR2S(-F)
12V
250mA
50mV
3W
100uF
77%
PSLS03-15B15SR2S(-F)
15V
200mA
50mV
3W
100uF
78%
PSLS03-15B24SR2S(-F)
24V
125mA
50mV
3W
100uF
80%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, <75% Humidity and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
AC Input
85
264
VAC
DC Input
70
400
VDC
Input Frequency
47
440
Hz
Input Current
@115VAC
0.12
A
@230VAC
0.06
Inrush Current
@115VAC
13
A
@230VAC
23
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy(2)
3.3V Model
±8
%
5-24V Models
±5
Line Regulation
Full Load
±1.5
%
Load Regulation
10%-100% Load
±2.5
%
Output Power
See Table
Output Current
See Table
Min. Load
10
%
Maximum Capacitive Load
See Table
Ripple & Noise(3)
20MHz bandwidth (peak to peak value)
3-5V Models
70
150
mV
9-24V Models
50
150
Stand-By Power
0.5
W
Temperature Coefficient
±0.15
%/ºC
PROTECTION
Short Circuit Protection
Continuous, Self-Recovery
Over Current Protection
≥110% Io, Self-Recovery
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40
+85
ºC
Storage Temperature
-40
+105
ºC
Storage Humidity
85
%RH
Power Derating
-40~20ºC
2
%/ºC
+55~85ºC
1.33
MTBF
MIL-HDBK-217F@25ºC
300,000
Hours


Similar Part No. - PSLS03-15B15SR2S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLS03-15B15S(-F) WALL-PSLS03-15B15S(-F) Datasheet
570Kb / 6P
   Low Power Consumption, Green Power
More results

Similar Description - PSLS03-15B15SR2S

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com