Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSLS03-15B12SR2S Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSLS03-15B12SR2S
Description  PSLS03 SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS03-15B12SR2S Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSLS03-15B12SR2S Datasheet HTML 1Page - Wall Industries,Inc. PSLS03-15B12SR2S Datasheet HTML 2Page - Wall Industries,Inc. PSLS03-15B12SR2S Datasheet HTML 3Page - Wall Industries,Inc. PSLS03-15B12SR2S Datasheet HTML 4Page - Wall Industries,Inc. PSLS03-15B12SR2S Datasheet HTML 5Page - Wall Industries,Inc. PSLS03-15B12SR2S Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev B
PSLS03 SERIES
3 Watts
AC/DC Converter
Single Output
11/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 6
DESIGN REFERENCE
1. Typical Application Circuit
Note: 1 is Pi filter circuit
Model
FUSE
(Required)
C1
(Required)
L2
C2
(Required)
L1
(Required)
C3
(Required)
C4
CY0
TVS
PSLS03-15B03SR2S(-F)
1A/250V
10µF/400V
4.7mH
330µF
2.2µGH
120µF/25V
0.1µF/50V
1nF/400VAC
SMBJ7.0A
PSLS03-15B05SR2S(-F)
68µF/35V
PSLS03-15B09SR2S(-F)
SMBJ12A
PSLS03-15B12SR2S(-F)
150µF/35V
SMBJ20A
PSLS03-15B15SR2S(-F)
PSLS03-15B24SR2S(-F)
100µF/35V
SMBJ30A
Note:
C1: AC Input, C1 is input filer capacitor (required)
DC Input is a filtering capacitor in EMC filter, the value of C1 is 10µF/400V (when input voltage is above 370VDC, and the value of
C1 is 10µF/450V). C2 and C3 are output flier capacitors (required), C2, C3 and L1 form a pi-type filter circuit, they are recommended to
be high frequency and low impedance electrolytic capacitors. Capacitance and rated ripple current of capacitors refer to the data sheets
provided by factory. Voltage derating of capacitors should 80% or above. C4 is a ceramic capacitor, which is used to filter high frequency
noise. Current of L1 and L2 refer to the data sheets provided by factory. Current rating should be 80% or above. TVS is a recommended
component to protect post-circuit (if converter fails). External input NTC model is recommended to use 13D-5. External input MOV model
is recommended to us S14K320.
2. EMC Solution-Recommended Circuit
Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and ground ≥6mm, A≥6.4mm
Components
Recommended Parameter
MOV2
S14K320
CY1
1nF/400VAC
CY2
1nF/400VAC
CX
0.1µF/275VAC
LCM
3.5mH
LDM
0.33mH
NTC
13D-5
FUSE (Required)
1A/250V, Slow Fusing


Similar Part No. - PSLS03-15B12SR2S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLS03-15B12S(-F) WALL-PSLS03-15B12S(-F) Datasheet
570Kb / 6P
   Low Power Consumption, Green Power
More results

Similar Description - PSLS03-15B12SR2S

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com