Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POLT16-12T Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # POLT16-12T
Description  POLT16-12T SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

POLT16-12T Datasheet(HTML) 2 Page - Wall Industries,Inc.

  POLT16-12T Datasheet HTML 1Page - Wall Industries,Inc. POLT16-12T Datasheet HTML 2Page - Wall Industries,Inc. POLT16-12T Datasheet HTML 3Page - Wall Industries,Inc. POLT16-12T Datasheet HTML 4Page - Wall Industries,Inc. POLT16-12T Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev B
POLT16-12T SERIES
16A Output Current Rating
DC/DC Open Frame Power Supply
Single Output
1/31/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
Vout(set)
≤3.63VDC
8.3
12
14
VDC
Vout(set)>3.63VDC
8.3
12
13.2
Maximum Input Current
Vin=8.3 to 14VDC, Io=Io(max.)
10
A
Input Reflected Ripple Current
5~20MHz, 1µH source impedance
30
mAp-p
Start Up Voltage
7.9
VDC
Shutdown Voltage
7.8
VDC
Input Filter(3)
Capacitor Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
% of Vout(set)
-2.0
+2.0
%
Line Regulation
Vin=Vin(min.) to Vin(max.) at Full Load; % of Vout(set)
-0.3
+0.3
%
Load Regulation
No Load to Full Load; % of Vout(set)
-0.4
+0.4
%
Voltage Adjustability(4)
0.7525
3.63
VDC
Remote Sense
0.5
VDC
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise
Measured by 20MHz bandwidth with a 1µF MLCC & a 10µF T/C
30
mVrms
75
mVp-p
Dynamic Load Response
With a 1µF MLCC & a 10µF T/C
ΔIo/Δt=2.5A/µs, Vin(nom) Peak deviation
200
mV
50% load step change
Setting time(Vout<10% peak deviation)
25
µs
Dynamic Load Response
With 2pcs of 150µF polymer capacitors
ΔIo/Δt=2.5A/µs, Vin(nom) Peak deviation
100
mV
50% load step change
Setting time (Vout<10% peak deviation)
50
µs
Temperature Coefficient
-0.4
+0.4
%/ºC
Rise Time
Time for Vout to rise from 10% to 90% of Vout(set)
6
ms
Output Voltage Overshoot-Startup
Vin=Vin(min.) to Vin(max.) at Full Load, % of Vout(set)
1.0
%
REMOTE ON/OFF CONTROL(5)(6)
Negative Logic (Standard)
DC-DC ON
Open or 0~0.3VDC
DC-DC OFF
2.5VDC~Vin(max.)
Positive Logic (Option)
DC-DC ON
Open or (Vin-4) ~ Vin (max.)
DC-DC OFF
0~0.3VDC
Input Current of CTRL Pin
0.01
1.0
mA
Remote OFF Input Current
2.0
mA
Turn-On Delay Time(7)
3
ms
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
180
%
Over Temperature Protection
125
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
-40
+85
ºC
Storage Temperature
-55
+125
ºC
Relative Humidity
Non-Condensing
5
95
%RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
3,416,000
Hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
270
300
330
kHz
PHYSICAL SPECIFICATIONS
Weight
0.21oz (6.0g)
Dimensions (L x W x H)
SMD Package
1.30in x 0.53in x 0.30in
(33mm x 13.5mm x 7.6mm)
SIP Package
2.00in x 0.50in x 0.28in
(50.8mm x 12.7mm x 7.2mm)
SAFETY CHARACTERISTICS
Safety Approvals
UL60950-1, EN60950-1, IEC60950-1
Lead-Free Reflow Solder Process
IPC J-STD-020D
Moisture Sensitivity Level (MSL)
IPC J-STD-033B, Level 2a


Similar Part No. - POLT16-12T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POLT16-12T WALL-POLT16-12T Datasheet
350Kb / 5P
   16A Output Current Rating DC/DC Open Frame Power Supply Single Output
POLT16-12T-P WALL-POLT16-12T-P Datasheet
350Kb / 5P
   16A Output Current Rating DC/DC Open Frame Power Supply Single Output
POLT16-12TA WALL-POLT16-12TA Datasheet
350Kb / 5P
   16A Output Current Rating DC/DC Open Frame Power Supply Single Output
POLT16-12TA-P WALL-POLT16-12TA-P Datasheet
350Kb / 5P
   16A Output Current Rating DC/DC Open Frame Power Supply Single Output
POLT16-12T WALL-POLT16-12T_18 Datasheet
350Kb / 5P
   16A Output Current Rating DC/DC Open Frame Power Supply Single Output
More results

Similar Description - POLT16-12T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POL06-12T WALL-POL06-12T Datasheet
426Kb / 5P
   POL06-12T SERIES
POL10-12T WALL-POL10-12T Datasheet
337Kb / 5P
   POL10-12T SERIES
logo
PHOENIX CONTACT
2985194 PHOENIX-2985194 Datasheet
56Kb / 4P
   Touch panel - TP 12T
logo
SparkFun Electronics
ROB-12258 SPARKFUN-ROB-12258 Datasheet
98Kb / 1P
   Servo Gear - Hitec (12T; Metal)
1/15/2016
logo
PHOENIX CONTACT
2701844 PHOENIX-2701844 Datasheet
75Kb / 7P
   Touch panel - TP 12T/M 211
logo
STCmicro Technology Co,...
STC89CXX STC-STC89CXX Datasheet
606Kb / 165P
   Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com