Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POLT10-05T Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # POLT10-05T
Description  POL10-05T SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

POLT10-05T Datasheet(HTML) 3 Page - Wall Industries,Inc.

  POLT10-05T Datasheet HTML 1Page - Wall Industries,Inc. POLT10-05T Datasheet HTML 2Page - Wall Industries,Inc. POLT10-05T Datasheet HTML 3Page - Wall Industries,Inc. POLT10-05T Datasheet HTML 4Page - Wall Industries,Inc. POLT10-05T Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev B
POL10-05T SERIES
10A Output Current Rating
DC/DC Open Frame Converter
Single Output
1/27/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
NOTES
(1)
ESR
≥1mΩ / ESR≥10mΩ, Test by minimum input and constant resistive load.
(2)
Vin(nom), 3.3VDC @ Full Load
(3)
It’s necessary to equip the external input capacitors at the input of the module. The capacitors should connect as close as possible to the input
terminals ensuring module stability. The external Cin is 3pcs of 150µF low-ESR polymer capacitors // 2pcs of 47µF ceramic capacitors at least.
(4)
Output voltage is programmable from 0.75V to 3.3V by connecting a single resistor (shown as Trim Table) between the Trim and GND pins of the
module. To calculate the value of the resistor Rtrim for a particular output voltage Vout, use the following equation:
Trim Figure
Trim Table
(5)
Remote On/Off referred to –Vin pin
(6)
Positive Logic: ON/OFF is open collector/drain logic input
Negative Logic: ON/OFF pin is open collector/drain logic input with external pull –up resistor.
(7)
Case 1: ON/OFF input is set to logic low (module on) and then input power is applied (delay from instant at which Vin=Vin(min.) until Vout=10% of
Vout(set))
Case 2: Input power is applied for at least one second and then the ON/OFF input is set to logic low (delay from instant at which Von/off=0.3VDC
until Vout-10% of Vout(set))
CAUTION: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.
CHARACTERISTIC CURVES
POLS10-05T, Vout=3.3V Derating Curve
POLS10-05T, Vout=3.3V
Efficiency vs. Input Voltage
POLS10-05T, Vout=3.3V
Efficiency vs. Output Load


Similar Part No. - POLT10-05T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POLT10-05T WALL-POLT10-05T Datasheet
321Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
POLT10-05T-P WALL-POLT10-05T-P Datasheet
321Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
POLT10-05TA WALL-POLT10-05TA Datasheet
321Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
POLT10-05TA-P WALL-POLT10-05TA-P Datasheet
321Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
More results

Similar Description - POLT10-05T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POL10-12T WALL-POL10-12T Datasheet
337Kb / 5P
   POL10-12T SERIES
POL06-05T WALL-POL06-05T Datasheet
359Kb / 5P
   POL06-05T SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com