Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM9831 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9831
Description  LM9831 42-Bit Color, 1200dpi USB Image Scanner
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9831 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9831 Datasheet HTML 1Page - National Semiconductor (TI) LM9831 Datasheet HTML 2Page - National Semiconductor (TI) LM9831 Datasheet HTML 3Page - National Semiconductor (TI) LM9831 Datasheet HTML 4Page - National Semiconductor (TI) LM9831 Datasheet HTML 5Page - National Semiconductor (TI) LM9831 Datasheet HTML 6Page - National Semiconductor (TI) LM9831 Datasheet HTML 7Page - National Semiconductor (TI) LM9831 Datasheet HTML 8Page - National Semiconductor (TI) LM9831 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
www.national.com
Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=VD=VDRAM=+5.0VDC,
fCRYSTAL IN= 48MHz. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 8, 9, & 10)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
Full Channel Characteristics (in units of 12 bit LSBs unless otherwise noted)
Resolution with No Missing Codes
14
12
bits (min)
DNL
Differential Non-Linearity
VDRAM=3.3V
-0.47
+0.95
-1
+2.4
LSB (min)
LSB (max)
INL
Integral Non-Linearity Error (Note 11)
VDRAM=3.3V
-3.2
+2.6
-12.6
+7.3
LSB (min)
LSB (max)
C
Analog Channel Gain Constant
(ADC Codes/V), referred to 14 bits.
Includes voltage reference
variation, gain setting = 1
8192
7412
9300
LSB (min)
LSB (max)
VOS1
Pre-Boost Analog Channel Offset Error
26
-34
+76
mV (min)
mV (max)
VOS2
Pre-PGA Analog Channel Offset Error
-30
-80
+31
mV (min)
mV (max)
VOS3
Post-PGA Analog Channel Offset Error
-26
-75
+26
mV (min)
mV (max)
Coarse Color Balance PGA Characteristics (Configuration Registers 3B, 3C, and 3D)
Monotonicity
5
bits (min)
G0 (Minimum PGA Gain)
PGA Setting = 0
0.93
0.90
0.96
V/V (min)
V/V (max)
G31 (Maximum PGA Gain)
PGA Setting = 31
3.00
2.95
3.05
V/V (min)
V/V (max)
x3 Boost Gain
x3 Boost Setting On
(bit B5 of Gain Register is set)
2.94
2.85
3.04
V/V (min)
V/V (max)
Gain Error at any gain (Note 13)
0.3
-0.6
+0.9
% (min)
% (max)
Static Offset DAC Characteristics (Configuration Registers 38, 39, and 3A)
Monotonicity
6
bits (min)
Offset DAC LSB size
PGA gain = 1
9
6
12
mV (min)
mV (max)
Offset DAC Adjustment Range
PGA gain = 1
±278
±256
mV (min)
Positive Supply Voltage (V+=VA=VD=VDRAM)
With Respect to GND=AGND=DGND
6.5V
Voltage On Any Input or Output Pin
-0.3V to V++0.3V
Input Current at any pin (Note 3)
±25mA
Package Input Current (Note 3)
±50mA
Package Dissipation at TA = 25°C
(Note 4)
ESD Susceptibility (Note 5)
Human Body Model
2000 V
Machine Model
250 V
Soldering Information
Infrared, 10 seconds (Note 6)
235°C
Storage Temperature
-65°C to +150°
Operating Temperature Range
TMIN≤TA≤TMAX
LM9831VJD
0°C
≤T
A≤+70°C
VA Supply Voltage
+4.75V to +5.25V
VD Supply Voltage
+4.75V to +5.25V
VDRAM Supply Voltage
+2.85V
≤ V
DRAM ≤ VD+100mV
|VA-VD|
≤ 100mV
Input Voltage Range
-0.05V to V+ + 0.05V
Absolute Maximum Ratings (Notes 1 & 2)
Operating Ratings (Notes 1 & 2)


Similar Part No. - LM9831

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9830 NSC-LM9830 Datasheet
566Kb / 45P
   LM9830 36-Bit Color Document Scanner
LM9830VJD NSC-LM9830VJD Datasheet
566Kb / 45P
   LM9830 36-Bit Color Document Scanner
LM9830VJDX NSC-LM9830VJDX Datasheet
566Kb / 45P
   LM9830 36-Bit Color Document Scanner
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
   LM9832 42-Bit Color, 1200dpi USB Image Scanner
LM9832CCVJD NSC-LM9832CCVJD Datasheet
337Kb / 42P
   LM9832 42-Bit Color, 1200dpi USB Image Scanner
More results

Similar Description - LM9831

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
   LM9832 42-Bit Color, 1200dpi USB Image Scanner
logo
Texas Instruments
LM9833 TI1-LM9833 Datasheet
690Kb / 44P
[Old version datasheet]   48-Bit Color, 1200dpi USB Image Scanner
logo
National Semiconductor ...
LM9833 NSC-LM9833 Datasheet
547Kb / 42P
   LM9833 48-Bit Color, 1200dpi USB Image Scanner
logo
Texas Instruments
LM9822 TI1-LM9822_14 Datasheet
285Kb / 25P
[Old version datasheet]   3 Channel 42-Bit Color Scanner Analog Front End
logo
National Semiconductor ...
LM9822 NSC-LM9822 Datasheet
242Kb / 22P
   LM9822 3 Channel 42-Bit Color Scanner Analog Front End
logo
Rohm
IA1208-FE10A ROHM-IA1208-FE10A Datasheet
77Kb / 6P
   Color image sensor heads for High-speed Scanner
logo
National Semiconductor ...
LM9830 NSC-LM9830 Datasheet
566Kb / 45P
   LM9830 36-Bit Color Document Scanner
logo
Sanyo Semicon Device
LC82104 SANYO-LC82104 Datasheet
57Kb / 6P
   Color Image Processing IC for Fax and Scanner Applications
logo
Rohm
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
   Color Contact Image Sensor Heads for High-Speed Scanner
LSH1208-BA50A ROHM-LSH1208-BA50A_11 Datasheet
911Kb / 6P
   Color Contact Image Sensor Heads for High-speed Scanner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com