Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC9229 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC9229
Description  400 MHz Low Voltage PECL Clock Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9229 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC9229 Datasheet HTML 3Page - Motorola, Inc MPC9229 Datasheet HTML 4Page - Motorola, Inc MPC9229 Datasheet HTML 5Page - Motorola, Inc MPC9229 Datasheet HTML 6Page - Motorola, Inc MPC9229 Datasheet HTML 7Page - Motorola, Inc MPC9229 Datasheet HTML 8Page - Motorola, Inc MPC9229 Datasheet HTML 9Page - Motorola, Inc MPC9229 Datasheet HTML 10Page - Motorola, Inc MPC9229 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPC9229
TIMING SOLUTIONS
7
MOTOROLA
Substituting N for the four available values for N (1, 2, 4, 8)
yields:
Table 8. Output Frequency Range for fXTAL =16MHz
N
FOUT
FOUT range
FOUT step
1
0
Value
OUT
OUT
g
OUT
p
0
0
1
M
200 - 400 MHz
1MHz
0
1
2
M÷2
100 - 200 MHz
500 kHz
1
0
4
M÷4
50 - 100 MHz
250 kHz
1
1
8
M÷8
25 - 50 MHz
125 kHz
Example frequency calculation for an 16 MHz input
frequency
If an output frequency of 131 MHz was desired the following
steps would be taken to identify the appropriate M and N
values. According to Table 8, 131 MHz falls in the frequency
set by an value of 2 so N[1:0] = 01. For N = 2 the output
frequency is FOUT =M ÷ 2 and M = FOUT x 2. Therefore M =
2 x 131 = 262, so M[8:0] = 100000110. Following this
procedure a user can generate any whole frequency between
25 MHz and 400 MHz. Note than for N > 2 fractional values of
can be realized. The size of the programmable frequency
steps (and thus the indicator of the fractional output
frequencies achievable) will be equal to:
fSTEP =fXTAL ÷ 16 ÷ N(6)
Using the parallel and serial interface
The M and N counters can be loaded either through a
parallel or serial interface. The parallel interface is controlled
via the P_LOAD signal such that a LOW to HIGH transition will
latch the information present on the M[8:0] and N[1:0] inputs
into the M and N counters. When the P_LOAD signal is LOW
the input latches will be transparent and any changes on the
M[8:0] and N[1:0] inputs will affect the FOUT output pair. To
use the serial port the S_CLOCK signal samples the
information on the S_DATA line and loads it into a 14 bit shift
register. Note that the P_LOAD signal must be HIGH for the
serial load operation to function. The Test register is loaded
with the first three bits, the N register with the next two and the
M register with the final eight bits of the data stream on the
S_DATA input. For each register the most significant bit is
loaded first (T2, N1 and M8). A pulse on the S_LOAD pin after
the shift register is fully loaded will transfer the divide values
into the counters. The HIGH to LOW transition on the S_LOAD
input will latch the new divide values into the counters. Figure
4 illustrates the timing diagram for both a parallel and a serial
load of the MPC9229 synthesizer. M[8:0] and N[1:0] are
normally specified once at power–up through the parallel
interface, and then possibly again through the serial interface.
This approach allows the application to come up at one
frequency and then change or fine–tune the clock as the ability
to control the serial interface becomes available.
Using the test and diagnosis output TEST
The TEST output provides visibility for one of the several
internal nodes as determined by the T[2:0] bits in the serial
configuration stream. It is not configurable through the parallel
interface. Although it is possible to select the node that
represents FOUT, the CMOS output is not able to toggle fast
enough for higher output frequencies and should only be used
for test and diagnosis. The T2, T1 and T0 control bits are
preset to ‘000’ when P_LOAD is LOW so that the PECL FOUT
outputs are as jitter–free as possible. Any active signal on the
TEST output pin will have detrimental affects on the jitter of the
PECL output pair. In normal operations, jitter specifications are
only guaranteed if the TEST output is static. The serial
configuration port can be used to select one of the alternate
functions for this pin. Most of the signals available on the TEST
output pin are useful only for performance verification of the
MPC9229 itself. However the PLL bypass mode may be of
interest at the board level for functional debug. When T[2:0] is
set to 110 the MPC9229 is placed in PLL bypass mode. In this
mode the S_CLOCK input is fed directly into the M and N
dividers. The N divider drives the FOUT differential pair and the
M counter drives the TEST output pin. In this mode the
S_CLOCK input could be used for low speed board level
functional test or debug. Bypassing the PLL and driving FOUT
directly gives the user more control on the test clocks sent
through the clock tree. Figure 6 shows the functional setup of
the PLL bypass mode. Because the S_CLOCK is a CMOS
level the input frequency is limited to 200 MHz. This means the
fastest the FOUT pin can be toggled via the S_CLOCK is 100
MHz as the divide ratio of the Post-PLL divider is 2 (if N = 1).
Note that the M counter output on the TEST output will not be
a 50% duty cycle.
Table 9. Test and Debug Configuration for TEST
T[2:0]
TEST output
T2
T1
T0
p
0
0
0
14-bit shift register outa
0
0
1
Logic 1
0
1
0
fXTAL ÷ 16
0
1
1
M-Counter out
1
0
0
FOUT
1
0
1
Logic 0
1
1
0
M-Counter out in PLL-bypass mode
1
1
1
FOUT ÷ 4
a. Clocked out at the rate of S_CLOCK
Table 10. Debug Configuration for PLL bypassa
Output
Configuration
FOUT
S_CLOCK ÷ N
TEST
M-Counter outb
a. T[2:0]=110. AC specifications do not apply in PLL bypass
mode
b. clocked out at the rate of S_CLOCK÷(4⋅N)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9229

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9229 RENESAS-MPC9229 Datasheet
532Kb / 15P
   400MHz Low Voltage PECL Clock Synthesizer
2019
MPC9229AC RENESAS-MPC9229AC Datasheet
532Kb / 15P
   400MHz Low Voltage PECL Clock Synthesizer
2019
MPC9229EI RENESAS-MPC9229EI Datasheet
532Kb / 15P
   400MHz Low Voltage PECL Clock Synthesizer
2019
More results

Similar Description - MPC9229

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer
logo
Integrated Device Techn...
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
logo
Motorola, Inc
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
   800 MHz Low Voltage PECL Clock Synthesizer
logo
Integrated Device Techn...
MPC9230 IDT-MPC9230 Datasheet
800Kb / 16P
   800MHz Low Voltage PECL Clock Synthesizer
logo
Renesas Technology Corp
MPC9229 RENESAS-MPC9229 Datasheet
532Kb / 15P
   400MHz Low Voltage PECL Clock Synthesizer
2019
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
   PECL CLOCK SYNTHESIZER
041905
logo
Integrated Circuit Syst...
ICS507-01 ICST-ICS507-01 Datasheet
49Kb / 5P
   PECL Clock Synthesizer
logo
NXP Semiconductors
PCK12429 PHILIPS-PCK12429 Datasheet
128Kb / 14P
   25-400 MHz differential PECL clock generator
2002 Jun 03
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_09 Datasheet
134Kb / 8P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
logo
Freescale Semiconductor...
MPC9239 FREESCALE-MPC9239 Datasheet
358Kb / 14P
   900 MHz Low Voltage LVPECL Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com