Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPG4805S Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPG4805S
Description  2W 3KVDC Isolated Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPG4805S Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPG4805S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPG4805S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPG4805S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPG Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPG series are miniature, isolated 2W DC/DC converters in a SIP package. They
offer the ideal solution in many space critical applications for board level power
distribution. The internal SMD construction makes it possible to offer a product with
high performance at low cost. The series offers smaller size, improved efficiency, lower
output ripple noise and 3KVDC isolation.
2W 3KVDC Isolated Single Output DC/DC Converters
FEATURES
RoHS compliant、CE certification
Efficiency from 81% to 88%
Operating temperature :-40℃to 105℃
UL 94V-0 package material
Industry standard pinout
3KVDC isolation
Input voltage: 3.3V, 5V, 12V,15V,24V,48V
Output voltage: 3.3V,5V, 9V, 12V, 15V, 24V
Internal SMD construction
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current(Max./Min)
Load Regulation (Max)
Efficiency (Typ.)
V
V
mA
%
%
TPG0305S
3.3
5
400/40
7.4
73
TPG0503S
5
3.3
606/60.6
8.0
75
TPG0505S
5
5
400/40
7.4
77
TPG0509S
5
9
222/22.2
6.1
81
TPG0512S
5
12
167/16.7
5.1
82
TPG0515S
5
15
133/13.3
4.5
82
TPG0524S
5
24
83/8.3
4.5
82
TPG1203S
12
3.3
606/60.6
8.0
75
TPG1205S
12
5
400/40
4.8
77
TPG1209S
12
9
222/22.2
3.2
82
TPG1212S
12
12
167/16.7
2.9
83
TPG1215S
12
15
133/13.3
2.5
83
TPG1224S
12
24
83/8.3
4.5
82
TPG1505S
15
5
400/40
7.4
75
TPG1515S
15
15
133/13.3
2.5
75
TPG2403S
24
3.3
400/40
7.4
71
TPG2405S
24
5
400/40
6.5
77
TPG2409S
24
9
222/22.2
3.2
77
TPG2412S
24
12
167/16.7
2.9
79
TPG2415S
24
15
133/13.3
2.5
79
TPG2424S
24
24
83/8.3
4.5
82
TPG4805S
48
5
400/40
6.5
77
TPG4812S
48
12
167/16.7
2.9
79
Add suffix “P” for continuous short circuit protection, for exampleTPG0505SP.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
65
kHz
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input types
2.9
3.3
3.6
V
Voltage range
5V input types
4.5
5
5.5
V
Voltage range
12V input types
11
12
13.2
V
Voltage range
15V input types
13.4
15
16.4
V
Voltage range
24V input types
21.6
24
26.4
V
Voltage range
48V input types
43
48
53
V
Reflected ripple current
8
15
mA p-p
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C
2
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%/%
TOPPOWER


Similar Part No. - TPG4805S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPG4805S TOPPOWER-TPG4805S Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG4805S TOPPOWER-TPG4805S Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG4805S-3W TOPPOWER-TPG4805S-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPG4805S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG_V01 Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
logo
Toppower Electronic Tec...
TPET-2W TOPPOWER-TPET-2W Datasheet
1Mb / 3P
   2W 3KVDC Isolated Single Output SMD DC/DC Converters
TPD-2W TOPPOWER-TPD-2W Datasheet
684Kb / 3P
   2W 3KVDC Isolated Twin Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com