Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA4812S Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPA4812S
Description  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPA4812S Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPA4812S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPA4812S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPA4812S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPA 24V & 48V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 second
3000
VDC
Resistance
Viso= 1000VDC
1
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All input
110
kHz
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
ºC
Storage
-55
150
ºC
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300
ºC for 10 seconds. Both types in this series are backward compatible with
Sn/Pb soldering systems.
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300
ºC
Internal power dissipation
450mW
Input voltage Vin, TPA24
28V
Input voltage Vin, TPA48
54V
Output Load Current(%)
+10%
+5%
V
NOM
-2.5%
+2.5%
-7.5%
100
75
50
25
10
Typical Load Line
1.5
1.0
0.5
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER


Similar Part No. - TPA4812S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPA4812S TOPPOWER-TPA4812S Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
TPA4812S TOPPOWER-TPA4812S Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA4812S TOPPOWER-TPA4812S Datasheet
709Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPA4812S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA-1W TOPPOWER-TPA-1W Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT TOPPOWER-TPAT_19 Datasheet
769Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V01 Datasheet
788Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1-5V TOPPOWER-TPA1-5V Datasheet
643Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V_19 Datasheet
709Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V02 Datasheet
863Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPATXXX TOPPOWER-TPATXXX Datasheet
262Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com