Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPE0512S Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPE0512S
Description  1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPE0512S Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPE0512S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPE0512S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPE0512S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPE 3.3V, 5V & 12V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
2.54
1.15
1.00 4
4 HOLES
All dimensions in mm ±0.25mm. All pins on a 2.54 mm pitch and within ±0.25mm of true position
Weight: 1.30g (SIP) 1.48g (DIP)
MECHANICAL DIMENSIONS
PIN CONNECTIONS
8 PIN DIP
Pin
Function
1
-Vin
4
+Vin
5
+Vout
7
-Vout
4 PIN SIP
Pin
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
8Pin DIP Package
4Pin SIP Package
8Pin DIP Tube
4Pin SIP Tube
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (8 Pin DIP) : 520mm ±2mm.
Tube length (4 Pin SIP) : 520mm ±2mm.
Tube Quantity : 35PCS
0.65
5.10
12.00
9.30
5.00
DIP Package
SIP Package
1.15
1.00 4
2.54
4 HOLES
11.48
TPE0505S
YYWW
2.54
4
5
7
1
YYWW
TPE0505D
11.50
7.62
5.08
9.80
6.80
4.60
3.60
6.00
10.00
0.55
0.45
4.60
3.60
1
2
3
4
1.94
1.25
0.30
0.20
7.63
1.09
0.30
0.20
1.94
0.55
0.45
7.62
2.54
0.55
0.45
bottom view
bottom view
TOPPOWER
TOPPOWER
TOPPOWER


Similar Part No. - TPE0512S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE0512S TOPPOWER-TPE0512S Datasheet
447Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0512S TOPPOWER-TPE0512S Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
TPE0512S TOPPOWER-TPE0512S Datasheet
712Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0512S TOPPOWER-TPE0512S Datasheet
716Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0512S-2W TOPPOWER-TPE0512S-2W Datasheet
254Kb / 3P
   2W 1.5KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPE0512S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE24V TOPPOWER-TPE24V Datasheet
634Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V Datasheet
712Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE-E TOPPOWER-TPE-E Datasheet
257Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V_19 Datasheet
716Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE TOPPOWER-TPE_19 Datasheet
709Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPTE TOPPOWER-TPTE Datasheet
656Kb / 3P
   1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TKE TOPPOWER-TKE_V02 Datasheet
229Kb / 4P
   1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TPTA-A TOPPOWER-TPTA-A Datasheet
660Kb / 4P
   1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com