Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP73 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RP73
Description  SMD High Power Precision Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RP73 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RP73 Datasheet HTML 1Page - TE Connectivity Ltd RP73 Datasheet HTML 2Page - TE Connectivity Ltd RP73 Datasheet HTML 3Page - TE Connectivity Ltd RP73 Datasheet HTML 4Page - TE Connectivity Ltd RP73 Datasheet HTML 5Page - TE Connectivity Ltd RP73 Datasheet HTML 6Page - TE Connectivity Ltd RP73 Datasheet HTML 7Page - TE Connectivity Ltd RP73 Datasheet HTML 8Page - TE Connectivity Ltd RP73 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SMD High Power Precision Resistors
1773272 CIS WR 09/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Key Features
High precision -
Tolerance down to 0.05%
and TCR down to 5PPM
Power rating to 1.0W
Up to 200V DC operating
voltage
Terminal finish
electroplated 100% matte
Sn
Applications
Communications
Industrial Controls
Instrumentation
Medical
Type RP73 Series
The RP73 resistor series is a stable thin film chip resistor range offering
increased power dissipation, higher temperature capabilities and increased
working voltages compared to the standard RN73 series. The resistor is
produced by sputtering a metal film onto high grade alumina and protecting
with three complete printed layers. Values are normally offered in E96 and
E24 series. The RP73 resistor has accurate and uniform physical dimensions
to reduce placement problems.
Electrical Characteristics RP73 series
0402
Rated Power @
70°C
0.063W
Resistance
range Ω
Min
49R9
49R9
49R9
49R9
49R9
10R
49R9
49R9
49R9
4R7
Max
4K99
12K
4K99
60K
69K8
255K
4K99
60K
69K8
511K
Tolerance (%)
0.05
0.1
0.5 / 1
Code Letter
A
B
D / F
TCR (PPM / °C)
5
10
15
25
50
5
10
15
25
50
5
10
15
25
50
Code Letter
A
C
D
F
G
A
C
D
F
G
A
C
D
F
G
Selection series
E24 & E96
Max. operating
voltage
25V
Max overload
voltage
50V
Operating
temperature
range
-55 ~ +155°C
Insulation
resistance
>
MΩ
Stability
0.5%


Similar Part No. - RP73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RP730012 MACOM-RP730012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP730012 MACOM-RP730012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
Tyco Electronics
RP731E0402 MACOM-RP731E0402 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RP732B1206 MACOM-RP732B1206 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
More results

Similar Description - RP73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
   SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com