Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP73 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # RP73
Description  SMD High Power Precision Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RP73 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button RP73 Datasheet HTML 2Page - TE Connectivity Ltd RP73 Datasheet HTML 3Page - TE Connectivity Ltd RP73 Datasheet HTML 4Page - TE Connectivity Ltd RP73 Datasheet HTML 5Page - TE Connectivity Ltd RP73 Datasheet HTML 6Page - TE Connectivity Ltd RP73 Datasheet HTML 7Page - TE Connectivity Ltd RP73 Datasheet HTML 8Page - TE Connectivity Ltd RP73 Datasheet HTML 9Page - TE Connectivity Ltd RP73 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SMD High Power Precision Resistors
1773272 CIS WR 09/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Peel force of top cover tape
The peel speed shall be about 300mm/min±5%
The peel force of top cover tape shall be between 8gf to 60gf
Embossed Plastic Tape Specifications
W
E
F
ψ D0
P1
P2
P0
direction of unreeling
A
B
Top Tape
Resistor
Emboss Tape
T
ψ D1 1.4Min.
Type
A
B
W
E
F
P0
P1
P2
ØD0
T
2010 2.85±0.10 5.45±0.10 12.0±0.10 1.75±0.10 5.5±0.05 4.00±0.05 4.00±0.10 2.00±0.05 1.50+0.10 1.00±0.20
2512 3.40±0.10 6.65±0.10 12.0±0.10 1.75±0.10 5.5±0.05 4.00±0.05 4.00±0.10 2.00±0.05 1.50+0.10 1.00±0.20
Peel force of top cover tape
The peel speed shall be about 300mm/min±5%
The peel force of top cover tape shall be between 20gf to 80g


Similar Part No. - RP73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RP730012 MACOM-RP730012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP730012 MACOM-RP730012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
Tyco Electronics
RP731E0402 MACOM-RP731E0402 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RP732B1206 MACOM-RP732B1206 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
More results

Similar Description - RP73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
   SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com