Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP2S2405 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP2S2405
Description  3W 1KVDC Isolated Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2S2405 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP2S2405 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2S2405 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2S2405 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP2S Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
Weight: 6.2g
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch
and within ±0.25mm of true position.
NA - Not available for electrical connection.
NC-No internal connection
MECHANICAL DIMENSIONS
PIN CONNECTIONS
24 PIN DIP
Pin
Function
2
-Vin
3
-Vin
9
NA
11
NC
14
+Vout
16
-Vout
22
+Vin
23
+Vin
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300℃ for 10 seconds. The series is backward compatible with Sn/Pb
soldering systems.
MINIMUM LOAD
The minimum load for correct operation is 25% of the full rated load across the specified input voltage range.
16.70±0.55
20.70±0.55
6.80±0.55
0.60±0.15
All dimensions in mm ±0.25m. All pins on a .54mm pitch and within
±0.25mm of true position.
All dimensions in mm ±0.5mm.
Tube length : 520mm ±2mm.
Tube Quantity:15PCS
2.54
2.54
8HOLES
1.30
1.45
-Vin
NC
NA
+Vout
-Vout
+Vin
23
22
16
14
11
9
3
2
-Vin
+Vin
Top view
DIP Package
0.30
0.20
4.70
3.70
7.00
14.66
YYWW
TP2S2412
32.26
0.73
0.63
15.25(MAX)
22.86
2.54
4.70
5.08
TOPPOWER
TOPPOWER


Similar Part No. - TP2S2405

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TP2S TIMOTION-TP2S Datasheet
179Kb / 3P
   Input voltage 100~240V AC
20211013-B
logo
Toppower Electronic Tec...
TP2S05S03S-2W TOPPOWER-TP2S05S03S-2W Datasheet
397Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2S05S03S-2W TOPPOWER-TP2S05S03S-2W Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
More results

Similar Description - TP2S2405

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
   1kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2D TOPPOWER-TP2D Datasheet
568Kb / 3P
   3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
   3W 1KVDC Isolated Wide Input DC/DC Converters
logo
Murata Power Solutions ...
MER1 MURATA-PS-MER1 Datasheet
140Kb / 6P
   1kVDC Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
   Isolated 3W Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEA1 MURATA-PS-MEA1 Datasheet
249Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-3W TOPPOWER-TPL-3W Datasheet
613Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
129Kb / 5P
   3kVDC Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com