Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G-MRCO-001 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # G-MRCO-001
Description  Linear Magnetic Field Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

G-MRCO-001 Datasheet(HTML) 7 Page - TE Connectivity Ltd

  G-MRCO-001 Datasheet HTML 1Page - TE Connectivity Ltd G-MRCO-001 Datasheet HTML 2Page - TE Connectivity Ltd G-MRCO-001 Datasheet HTML 3Page - TE Connectivity Ltd G-MRCO-001 Datasheet HTML 4Page - TE Connectivity Ltd G-MRCO-001 Datasheet HTML 5Page - TE Connectivity Ltd G-MRCO-001 Datasheet HTML 6Page - TE Connectivity Ltd G-MRCO-001 Datasheet HTML 7Page - TE Connectivity Ltd G-MRCO-001 Datasheet HTML 8Page - TE Connectivity Ltd G-MRCO-001 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
KMY_KMZ
Linear Magnetic Field Sensors
SENSOR SOLUTIONS ///KMY_KMZ Rev 4
1/2016
Page 7
KMY 21
In contrast to the KMY20 sensor products,
the KMY 21 M consists of a half bridge,
making the sensor well suited for dynamic
measurements.
It contains an internal magnet, which
provides an auxiliary field of approx.
2.5 kA/m.
Figure 5
: Characteristic
curve for KMY21M
TEMPERATURE DEPENDENCIES
Figure 6: signal amplitude related to room temperature value
Figure 7: bridge resistance related to room temperature value
-6
-4
-2
0
2
4
6
-5
-4
-3
-2
-1
0
1
2
3
4
5
External Field Hy in kA/m
Auxiliary field: Hx=2.5 kA/m
0,4
0,6
0,8
1,0
1,2
1,4
-25
0
25
50
75
100
125
Tem perature in °C
Vo,min
Vo(T)/Vo(+25°C)
Vo,max
0,6
0,8
1,0
1,2
1,4
1,6
1,8
-25
0
25
50
75
100
125
Tem perature in °C
Rb,min
Rb(T)/Rb(+25°C)
Rb,max
Y
X
B
B


Similar Part No. - G-MRCO-001

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
G-MRCO-015 TEC-G-MRCO-015 Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
G-MRCO-016 TEC-G-MRCO-016 Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
G-MRCO-017 TEC-G-MRCO-017 Datasheet
287Kb / 6P
   AMR Switching-Sensor
G-MRCO-021 TEC-G-MRCO-021 Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
More results

Similar Description - G-MRCO-001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMZ20M DIODES-ZMZ20M Datasheet
62Kb / 4P
   MAGNETIC FIELD SENSORS
ZMZ20 DIODES-ZMZ20 Datasheet
132Kb / 6P
   MAGNETIC FIELD SENSORS
logo
Zetex Semiconductors
ZMZ20 ZETEX-ZMZ20 Datasheet
124Kb / 6P
   MAGNETIC FIELD SENSORS
ZMZ20M ZETEX-ZMZ20M Datasheet
54Kb / 4P
   MAGNETIC FIELD SENSORS
ZMY20 ZETEX-ZMY20 Datasheet
3Mb / 7P
   Magnetic Field Sensors
logo
Analog Devices
AD22151 AD-AD22151 Datasheet
118Kb / 8P
   Linear Output Magnetic Field Sensor
REV. 0
AD22151YRZ AD-AD22151YRZ Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
AD22151 AD-AD22151_15 Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
logo
List of Unclassifed Man...
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
   Magnetic Field Sensors Current Sensor
KMT31 ETC2-KMT31 Datasheet
139Kb / 2P
   Magnetic Field Sensors Angle Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com