Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

W1920 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part No. W1920
Description  Omni Directional Blade Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

W1920 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
W1920G0915 / W1920G3658 Datasheet version 1.0 Omni Directional Blade. (10/09)
© 2010. All Rights Reserved.
Omni Directional Blade Antenna
Penta Band 110mm x 22mm x 5 mm. Pulse Part Numbers: W1920G0915 / W1920G3658
Pulse Finland Oy
Takatie 6
90440
Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
www.pulseeng.com/antennas
Pulse
M2M
Antennas
Curves
Antenna measures with 4” (102 mm) cable
80
70
60
50
40
30
20
10
0
Peak Gain [dBi]
Freq [MHz]
Peak Gain vs Frequency
W1920 Penta band Stelth blade, Concept prototype
Measured at Pulse, USA - Aug 12, 2009
3
2.5
2
1.5
1
0.5
0
-0.5
-1
Peak Gain [dBi]
Freq [MHz]
Efficiency vs Frequency
W1920 Penta band Stealth blade, Concept prototype
Measured at Pulse, USA - Aug 12, 2009
VSWR
W1920 With 3' RG-174 & SMA 10/19/09, S11 Parameter
3
2.5
2
1.5
1
VSWR
Freq [MHz]
H-Plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
820
-2,1
-1,9
360
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
880
-4,6
-4,4
360
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
960
-4,6
-3,9
360
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
270
H-Plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
300
330
1750
-2,4
-1,8
360
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
1850
0,1
0,5
360
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
1950
1,
0,9
4
360
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2150
-3,7
-2,5
360
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
5
0
E-Plane
-35
-30
-25
-20
-15
-10
-5
0
30
60
90
120
150
180
210
240
270
300
330
820
-3,7
0,4
68
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
880
-3,5
0,7
60
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
960
-3,3
0,8
46
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
270
E-Plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
300
330
1750
-3,6
0,2
76
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
1850
-3,2
0,5
76
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
1950
-2,7
1,9
60
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2150
-4,3
1,6
25
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
824-960
1710-2170


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn