Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

W1920 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part No. W1920
Description  Omni Directional Blade Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

W1920 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
W1920G0915 / W1920G3658 Datasheet version 1.0 Omni Directional Blade. (10/09)
© 2010. All Rights Reserved.
Omni Directional Blade Antenna
Penta Band 110mm x 22mm x 5 mm. Pulse Part Numbers: W1920G0915 / W1920G3658
Pulse Finland Oy
Takatie 6
90440
Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
www.pulseeng.com/antennas
Pulse
M2M
Antennas
Plastic radome
Thermoplastic Elastomer (TPE)
Color
Black
Weight
29.0 g 3’ Cable /
65.0 g 12’ Cable
Overall length
110 x 22 x 5 mm
4.33 x .87 x .20 inches
Mounting system
Adhesive tape
Operating temperature
-30/+60°C
Features
- Compact size W x L x H (110 x 22 x 5 mm)
- Connetor – SMA Male
- Cable type RG-174
- Other Cable lengths and Connector
variations available on request
- Adhesive option
- Cable length 3 feet and 12 feet
- RoHS Compliant Product
Applications
- Frequency range (850/900/1800/1900/2100)
Electrical specifications @ +25 °C
Measured in free space
Mechanical and Environmental Characteristics
SMR-
AMPS-GSM
824-960
50
1
50
Omni-directional in the
horizonal plane
Vertical
3
DCS-PCS
1710-2170
50
1.5
60
Frequency [MHz]
Nominal Impedance [Ω]
Peak Gain [dBi Avg]
Efficiency [% Avg]
Radiation Pattern
Polarization
Power Withstanding [W]
W1920G3658
SMA Male
3658 mm / 12 ft
RG174 Black
W1920G0915
915 mm / 3 ft
Antenna Part No.
Connector
Cable Length
Cable Type


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn