Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61178 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61178
Description  20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61178 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61178 Datasheet HTML 1Page - Texas Instruments TPS61178 Datasheet HTML 2Page - Texas Instruments TPS61178 Datasheet HTML 3Page - Texas Instruments TPS61178 Datasheet HTML 4Page - Texas Instruments TPS61178 Datasheet HTML 5Page - Texas Instruments TPS61178 Datasheet HTML 6Page - Texas Instruments TPS61178 Datasheet HTML 7Page - Texas Instruments TPS61178 Datasheet HTML 8Page - Texas Instruments TPS61178 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
FREQ/SYNC
AGND
ILIMIT
COMP
FB
BST
VIN
EN
VCC
DISDRV
9
10
12
6
7
8
13
11
5
4
2
1
3
3
TPS61178, TPS611781
www.ti.com
SLVSDA7 – FEBRUARY 2017
Product Folder Links: TPS61178 TPS611781
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
Part Number
Operation Mode at Light Load
TPS61178
Auto PFM
TPS611781
Forced PWM
6 Pin Configuration and Functions
(RNW)
(13-Pin QFN)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
FREQ / SYNC
1
I
The switching frequency is programmed by a resistor between this pin and the AGND. The
internal oscillator can be synchronized by an external clock connecting into this pin. This pin
can not be float in application.
AGND
2
-
Analog signal ground of the IC. Connect the AGND to PGND via a single point on the printed
circuit board.
ILIMIT
3
I
Programming the switching peak current limit by a resistor between this pin and AGND.
COMP
4
O
Output of the internal error amplifier. The loop compensation network should be connected
between this pin and AGND.
FB
5
I
Output voltage feedback, a resistor divider connecting to this pin sets the output voltage.
PGND
6
PWR
Power ground
SW
7
PWR
The switching node pin of the converter. It is connected to the drain of the internal low-side
power FET and the source of the internal high-side power FET.
VOUT
8
PWR
Boost converter output
DISDRV
9
O
A gate drive output for the external disconnect FET. Connect the DISDRV pin to the gate of
the external FET. Leave it floating if not using the load disconnect function.
VCC
10
O
Output of the internal regulator. A ceramic capacitor of more than 1.0 µF is required between
this pin and ground
EN
11
I
Enable logic input. Logic high level enables the device and low level shutdown the device.
VIN
12
I
IC power supply input.
BST
13
O
Power supply for high-side FET gate driver. A capacitor must be connected between this pin
and the SW pin


Similar Part No. - TPS61178

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
1Mb / 40P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS611781 TI1-TPS611781 Datasheet
1Mb / 40P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS611781RNWR TI1-TPS611781RNWR Datasheet
1Mb / 40P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS611781RNWT TI1-TPS611781RNWT Datasheet
1Mb / 40P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178RNWR TI1-TPS61178RNWR Datasheet
1Mb / 40P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results

Similar Description - TPS61178

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178 TI1-TPS61178_17 Datasheet
1Mb / 40P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088_16 Datasheet
1Mb / 32P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com