Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT367 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MKT367
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT367 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28104
78
Revision: 18-Nov-05
MKT 367
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
URdc = 63 V; URac = 40 V
C
(µF)
DIMENSIONS
Wmax
× Hmax × Lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 367 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK
lt
=
4.0
+ 1.0/− 0.5 mm
lt
=
22.0
± 4.0 mm
H
= 18.5 mm
C-tol
=± 10 %
C-tol
=± 5 %
SPQ
SPQ
C-TOL
=± 10 % C-TOL =± 5 %
SPQ
last 5 digits of
catalog
number
last 5 digits of
catalog
number
last 5 digits of
catalog number
last 5 digits of
catalog
number
Pitch
= 5.0 + 0.4/− 0.2 mm; d
t = 0.50 ± 0.05 mm
0.047
4.0
× 9.5 × 7.3
0.3
75473
76473
1000
1000
73473
77473
1500
0.056
75563
76563
73563
77563
0.068
75683
76683
73683
77683
0.082
75823
76823
73823
77823
0.1
75104
76104
73104
77104
0.12
75124
76124
73124
77124
0.15
4.0
× 9.5 × 7.3
0.3
75154
76154
1000
1000
73154
77154
1500
0.18
4.0
× 9.5 × 7.3
0.4
75184
76184
1000
1000
73184
77184
1500
0.22
4.2
× 9.7 × 7.3
0.4
75224
76224
1000
1000
73224
77224
1000
0.27
4.5
× 10.0 × 7.3
0.4
75274
76274
1000
1000
73274
77274
1000
0.33
4.5
× 11.0 × 7.3
0.4
75334
76334
1000
1000
73334
77334
1000
0.39
75394
76394
73394
77394
0.47
4.5
× 11.0 × 7.3
0.4
75474
76474
1000
1000
73474
77474
1000
0.56
5.0
× 10.5 × 7.3
0.4
75564
76564
1000
1000
73564
77564
1000
0.68
5.5
× 11.0 × 7.3
0.4
75684
76684
1000
1000
73684
77684
1000
0.82
5.5
× 12.0 × 7.3
0.5
75824
76824
1000
1000
73824
77824
1000
1.0
5.5
× 12.0 × 7.3
0.5
75105
76105
1000
1000
73105
77105
1000
Pitch
= 7.5 + 0.4/− 0.2 mm; d
t = 0.60 ± 0.06 mm
0.12
4.0
× 9.5 × 10.0
0.4
15124
16124
1000
1000
13124
17124
1500
0.15
15154
16154
13154
17154
0.18
15184
16184
13184
17184
0.22
15224
16224
13224
17224
0.27
4.5
× 10.0 × 10.5
0.5
15274
16274
1000
1000
13274
17274
1000
0.33
5.0
× 10.5 × 10.5
0.5
15334
16334
1000
1000
13334
17334
1000
0.39
0.6
15394
16394
13394
17394
0.47
5.5
× 11.0 × 10.5
0.7
15474
16474
1000
1000
13474
17474
1000
0.56
5.5
× 12.0 × 10.5
0.8
15564
16564
1000
1000
13564
17564
1000
0.68
15684
16684
13684
17684
0.82
15824
16824
13824
17824
1.0
15105
16105
13105
17105


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn