Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MKT367 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. MKT367
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT367 Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 28104
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 18-Nov-05
77
MKT 367
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.47 µF
≤ 75 × 10−4
≤ 130 × 10−4
≤ 225 × 10−4
0.47 µF
< C ≤ 1.0 µF
≤ 75 × 10−4
≤ 130 × 10−4
Rated voltage pulse slope (dU/dt)R
at 63 V (DC)
at 100 V (DC)
at 250 V (DC)
at 400 V (DC)
110 V/µs
110 V/µs
130 V/µs
170 V/µs
R between leads, for C
≤ 0.33 µF:
at 10 V; 1 minute
> 15000 MΩ
at 100 V; 1 minute
> 15000 MΩ> 30000 MΩ> 30000 MΩ
RC between leads, for C
> 0.33 µF at 10 V; 1 minute
> 5000 s
> 5000 s
R between interconnecting leads and casing; 100 V;
1minute
> 30000 MΩ> 30000 MΩ>30000 MΩ> 30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
100 V; 1 minute
160 V; 1 minute
400 V; 1 minute
640 V; 1 minute
2222
367
XX XX X
BFC2* 367
XX XX X * Use this partnumber for those with access to the
Vishay’s SAP system and Partners website within
the Americas
TYPE AND PITCHES
367
5.0 and 7.5 mm
TYPE
PACKAGING
LEAD CONFIGURATION
ON REQUEST
C-TOL
63 V
100 V
250 V
400 V
Pitch
= 5.0 mm
367
ammopack
straight leads
± 10 %
73
83
± 5 %
77
87
loose in box
straight leads 4.0
+ 1.0/− 0.5 mm
± 10 %
75
85
−−
± 5 %
76
86
−−
straight leads 22.0
± 4.0 mm
± 10 %
71
81
−−
± 5 %
72
82
−−
Pitch
= 7.5 mm
ON REQUEST
367
loose in box
straight leads 4.0
+ 1.0/− 0.5 mm
± 10 %
15
254555
± 5 %
16
264656
straight leads 22.0
± 4.0 mm
± 10 %
11
214151
± 5 %
12
224252
ammopack
straight leads
± 10 %
13
234353
± 5 %
17
274757
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn