Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C561J5GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C561J5GACTU
Description  Ceramic, Commercial-(CxxxxC), 560 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C561J5GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C561J5GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 4e345ac5-7cf2-4478-a3db-92f832f369aa
KEMET Part Number: C0402C561J5GACTU
(C0402C561J5GAC7867)
Ceramic, Commercial-(CxxxxC), 560 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
1mm +/-0.05mm
W
0.5mm +/-0.05mm
T
0.5mm +/-0.05mm
S
0.3mm MIN
B
0.3mm +/-0.1mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 10000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0402
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous: Note: KEMET 50V rated parts
may be operated at 63 Volts
Specifications
Capacitance: 560 pF
Capacitance Tolerance: 5%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0402C561J5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C561J5GACAUTO KEMET-C0402C561J5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 560 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0402
More results

Similar Description - C0402C561J5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C561J5GACTU KEMET-C0603C561J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 560 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C561J5GACTU KEMET-C0805C561J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 560 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C391J5GACTU KEMET-C0402C391J5GACTU Datasheet
66Kb / 1P
   Ceramic, Commercial-(CxxxxC), 390 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C271J5GACTU KEMET-C0402C271J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 270 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C220J5GACTU KEMET-C0402C220J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 22 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C221J5GACTU KEMET-C0402C221J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 220 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C180J5GACTU KEMET-C0402C180J5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 18 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C510J5GACTU KEMET-C0402C510J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 51 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C110J5GACTU KEMET-C0402C110J5GACTU Datasheet
82Kb / 1P
   Ceramic, Commercial-(CxxxxC), 11 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C122J5GACTU KEMET-C0402C122J5GACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1200 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com