Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT365 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. MKT365
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT365 Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28102
66
Revision: 09-Nov-04
MKT 365
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
URdc = 250 V; URac = 160 V (bent back leads)
URdc = 400 V; URac = 220 V (bent back leads)
C
(
µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 365 ..... AND PACKAGING
AMMOPACK; H
= 16.0 mm
REEL
C-tol
=±10%
C-tol
=±5%
SPQ
SPQ
last 5 digits of
catalog number
last 5 digits of
catalog number
Pitch
= 5.0 +0.4/−0.2 mm; d
t = 0.60 ±0.06 mm
0.018
4.0
× 13.5 × 10.0
0.4
45183
46183
1500
1500
0.022
45223
46223
0.027
45273
46273
0.033
45333
46333
0.039
45393
46393
0.047
45473
46473
0.056
45563
46563
0.068
4.5
× 14.0 × 10.0
0.5
45683
46683
1250
1000
0.082
4.5
× 13.0 × 10.0
0.5
45823
46823
1250
1250
0.1
5.0
× 13.5 × 10.0
0.6
45104
46104
1000
1250
0.12
5.5
× 14.0 × 10.0
0.6
45124
46124
1000
1000
0.15
5.5
× 15.5 × 10.0
0.7
45154
46154
1000
1000
C
(
µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 365 ..... AND PACKAGING
AMMOPACK; H
= 16.0 mm
REEL
C-tol
=±10%
C-tol
=±5%
SPQ
SPQ
last 5 digits of
catalog number
last 5 digits of
catalog number
Pitch
= 5.0 +0.4/−0.2 mm; d
t = 0.60 ±0.06 mm
0.0033
4.0
× 13.5 × 10.0
0.4
55332
56332
1500
1500
0.0039
55392
56392
0.0047
55472
56472
0.0056
55562
56562
0.0068
55682
56682
0.0082
55822
56822
0.01
55103
56103
0.012
55123
56123
0.015
55153
56153
0.018
4.5
× 13.0 × 10.0
0.6
55183
56183
1250
1250
0.022
5.0
× 13.5 × 10.0
0.7
55223
56223
1000
1250
0.027
4.0
× 12.5 × 10.0
0.4
55273
56273
1500
1500
0.033
4.5
× 13.0 × 10.0
0.5
55333
56333
1250
1250
0.039
5.0
× 13.5 × 10.0
0.5
55393
56393
1000
1250
0.047
0.6
55473
56473
0.056
5.5
× 14.0 × 10.0
0.7
55563
56563
1000
1000


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn