Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT365 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MKT365
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT365 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKT365 Datasheet HTML 1Page - Vishay Siliconix MKT365 Datasheet HTML 2Page - Vishay Siliconix MKT365 Datasheet HTML 3Page - Vishay Siliconix MKT365 Datasheet HTML 4Page - Vishay Siliconix MKT365 Datasheet HTML 5Page - Vishay Siliconix MKT365 Datasheet HTML 6Page - Vishay Siliconix MKT365 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28102
64
Revision: 09-Nov-04
MKT 365
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
URdc = 63 V; URac = 40 V (kinked leads)
URdc = 63 V; URac = 40 V (bent back leads)
C
(
µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 365 ..... AND PACKAGING
AMMOPACK; H
= 16.0 mm
REEL
C-tol
=±10%
C-tol
=±5%
SPQ
SPQ
last 5 digits of
catalog number
last 5 digits of
catalog number
Pitch
= 5.0 +0.4/−0.2 mm; d
t = 0.50 ±0.05 mm
0.047
4.0
× 12.5 × 7.3
0.3
75473
76473
1500
1500
0.056
75563
76563
0.068
75683
76683
0.082
75823
76823
0.1
75104
76104
0.12
75124
76124
0.15
4.0
× 13.0 × 7.3
0.3
75154
76154
1500
1500
0.18
4.0
× 13.5 × 7.3
0.4
75184
76184
1000
1000
0.22
4.2
× 13.5 × 7.3
0.4
75224
76224
1000
1000
0.27
4.5
× 14.0 × 7.3
0.4
75274
76274
1000
1000
0.33
4.5
× 14.5 × 7.3
0.4
75334
76334
1000
1000
0.39
75394
76394
0.47
4.5
× 15.5 × 7.3
0.4
75474
76474
1000
1000
0.56
5.0
× 14.0 × 7.3
0.4
75564
76564
1000
1000
0.68
5.5
× 14.5 × 7.3
0.4
75684
76684
1000
1000
0.82
5.5
× 15.0 × 7.3
0.5
75824
76824
1000
1000
1.0
5.5
× 15.5 × 7.3
0.5
75105
76105
1000
1000
C
(
µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 365 ..... AND PACKAGING
AMMOPACK; H
= 16.0 mm
REEL
C-tol
=±10%
C-tol
=±5%
SPQ
SPQ
last 5 digits of
catalog number
last 5 digits of
catalog number
Pitch
= 5.0 +0.4/−0.2 mm; d
t = 0.60 ±0.06 mm
0.12
4.0
× 13.5 × 10.0
0.4
15124
16124
1500
1500
0.15
15154
16154
0.18
15184
16184
0.22
15224
16224
0.27
4.5
× 14.0 × 10.0
0.5
15274
16274
1000
1000
0.33
5.0
× 14.5 × 10.0
0.6
15334
16334
1000
1000
0.39
15394
16394
0.47
5.5
× 15.0 × 10.0
0.7
15474
16474
1000
1000
0.56
15564
16564
0.68
15684
16684
0.82
15824
16824
1.0
15105
16105


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn