Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT365 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. MKT365
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT365 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKT365 Datasheet HTML 1Page - Vishay Siliconix MKT365 Datasheet HTML 2Page - Vishay Siliconix MKT365 Datasheet HTML 3Page - Vishay Siliconix MKT365 Datasheet HTML 4Page - Vishay Siliconix MKT365 Datasheet HTML 5Page - Vishay Siliconix MKT365 Datasheet HTML 6Page - Vishay Siliconix MKT365 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 28102
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 09-Nov-04
63
MKT 365
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.47 µF
≤75 × 10−4
≤130 × 10−4
≤225 × 10−4
0.47
µF < C ≤ 1.0 µF
≤75 × 10−4
≤130 × 10−4
Rated voltage pulse slope (dU/dt)R
at 63 V (DC)
at 100 V (DC)
at 250 V (DC)
at 400 V (DC)
110 V/
µs110 V/µs
130 V/
µs
170 V/
µs
R between leads, for C
≤ 0.33 µF:
at 10 V; 1 minute
>15000 MΩ
at 100 V; 1 minute
>15000 MΩ>30000 MΩ>30000 MΩ
RC between leads, for C
> 0.33 µF at 10 V; 1 minute
>5000 s
>5000 s
R between interconnecting leads and casing; 100 V;
1minute
>30000 MΩ>30000 MΩ>30000 MΩ>30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
100 V; 1 minute
160 V; 1 minute
400 V; 1 minute
640 V; 1 minute
TYPE AND PITCHES
365
5.0 mm
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL
63 V
100 V
250 V
400 V
365
ammopack: kinked
H
= 16.0 mm; P
0 = 12.7 mm
±10%
75
85
±5%
76
86
ammopack: bent back
H
= 16.0 mm; P
0 = 12.7 mm
±10%
15
25
45
55
±5%
16
26
46
56
dimensions of these code numbers stay between brackets
ON REQUEST
365
taped on reel; kinked
H
= 16.0 mm; P
0 = 12.7 mm;
reel diameter = 360 mm
±10%
71
81
−−
±5%
72
82
−−
taped on reel; bent back
H
= 16.0 mm; P
0 = 12.7 mm;
reel diameter = 360 mm
±10%
11
214151
±5%
12
22
42
52
dimensions of these code numbers stay between brackets
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
2222
365
XX XX X
Example:
104
= 10 x 10 = 100 nF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn