Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-BGA49B-B-61F Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SF-BGA49B-B-61F
Description  Primary dimension units are millimeters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SF-BGA49B-B-61F Datasheet(HTML) 2 Page - Ironwood Electronics.

  SF-BGA49B-B-61F Datasheet HTML 1Page - Ironwood Electronics. SF-BGA49B-B-61F Datasheet HTML 2Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev
Date
Initials
Description
B
3/27/13
SF
VW to SW conversion
C
7/2/14
MR/MT
P-T144A was P-T123A
SHEET 2 OF 2
DATE: 3/27/13
MATERIAL:
FINISH:
WEIGHT:
REV. C
File: SF-BGA49B-B-61F Dwg
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
DRAWN BY: S. Faiz
STATUS: Released
STATUS:
Description: Revision History
SCALE:1:1
Primary dimension units are millimeters, Secondary dimension units are [inches].
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise.
Materials and specifications are subject to change without notice.
Specification


Similar Part No. - SF-BGA49B-B-61F

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SF-BGA49B-B-61 IRONWOOD-SF-BGA49B-B-61 Datasheet
26Kb / 1P
   Materials and specifications are subject to change without notice
More results

Similar Description - SF-BGA49B-B-61F

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com