Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB900SMA12 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # SB900SMA12
Description  700/800/900/1850 mhz coils/whips
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SB900SMA12 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  SB900SMA12 Datasheet HTML 1Page - Pulse A Technitrol Company SB900SMA12 Datasheet HTML 2Page - Pulse A Technitrol Company SB900SMA12 Datasheet HTML 3Page - Pulse A Technitrol Company SB900SMA12 Datasheet HTML 4Page - Pulse A Technitrol Company SB900SMA12 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1 800 ANTENNA (268-3662)
25
700/800/900/1850 MHz
NOTE: Antennas are not to scale
700/800/900/1850 mhz mAGneTic mounTs
max
power
Frequency
Gain
height
Rating
whip
cable
model
Type
(mhz)
(dBd/dBi)
(in)
(watts)
color
Assembly
connector
MS3E800FME
5/8 over 1/2
λ
806-896
3.5/5.6
13
60
Black
12’ RG-58A/U
FME
MS3E800MPL
5/8 over 1/2
λ
806-896
3.5/5.6
13
60
Black
12’ RG-58A/U
MPL
MS3E800TNC
5/8 over 1/2
λ
806-896
3.5/5.6
13
60
Black
12’ RG-58A/U
TNC
MS3E900MPL
5/8 over 1/2
λ
890-960
3.5/5.6
13
60
Black
12’ RG-58A/U
MPL
MS3E900TNC
5/8 over 1/2
λ
890-960
3.5/5.6
13
60
Black
12’ RG-58A/U
TNC
MS3E900SMA
5/8 over 1/2
λ
890-960
3.5/5.6
13
40
Black
12’ RG-58A/U
SMA
MM5E900BNC
5/8 over 5/8 over 1/4
λ
890-960
5/7.12
16.5
60
Black
12’ RG-58A/U
BNC
MM5T900SMA
5/8 over 5/8 over 1/4
λ
890-960
5/7.2
18
60
Black
12’ RG-58A/U
SMA
MM5T900SMARP 5/8 over 5/8 over 1/4
λ
890-960
5/7.2
18
60
Black
12’ RG-58A/U
SMA RP
MSU800FME
1/2
λ
806-896
0/2
4
40
Black
12’ RG-58A/U
FME
MSU900FME
1/2
λ
890-960
0/2
4
40
Black
12’ RG-58A/U
FME
MMC/P3EFME
5/8 over 1/4
λ
Cell: 824-960
1.9/4
5
7
Black
12’ RG-58/U
FME
PCS: 1850-1990
1.9/4
MMC/P3EMPL
5/8 over 1/4
λ
Cell: 824-960
1.9/4
5
7
Black
12’ RG-58/U
MPL
PCS: 1850-1990
1.9/4
MMC/P3ETNC
5/8 over 1/4
λ
Cell: 824-960
1.9/4
5
7
Black
12’ RG-58/U
TNC
PCS: 1850-1990
1.9/4
MMC/P3ESMA
5/8 over 1/4
λ
Cell: 824-960
1.9/4
5
7
Black
12’ RG-58/U
SMA
PCS: 1850-1990
1.9/4
MM3E/MM5E
MS3E
MSU
MM5T
MMC/P3E


Similar Part No. - SB900SMA12

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SB9003 PULSE-SB9003 Datasheet
158Kb / 5P
   ANTENNAS
More results

Similar Description - SB900SMA12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
   Low Power 700/800/900 MHz
ATZB-900-B0 ATMEL-ATZB-900-B0 Datasheet
448Kb / 20P
   ZigBit??700/800/900 MHz Wireless Modules
logo
Switchcraft, Inc.
SC700 SWITCH-SC700 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
logo
IC MICROSYSTEMS
ICL2001-23 ICMIC-ICL2001-23 Datasheet
913Kb / 6P
   800 - 900 MHz LOW NOISE AMPLIFIER
logo
STMicroelectronics
SD1414 STMICROELECTRONICS-SD1414 Datasheet
62Kb / 5P
   RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
SD1414-12 STMICROELECTRONICS-SD1414-12 Datasheet
50Kb / 6P
   RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
logo
Infineon Technologies A...
BGA713L7 INFINEON-BGA713L7 Datasheet
1Mb / 27P
   Single-Band UMTS LNA (700, 800 MHz)
Revision 3.0, 2010-10-04
logo
Advanced Power Technolo...
MS1536 ADPOW-MS1536 Datasheet
121Kb / 4P
   RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS
logo
STMicroelectronics
SD1680 STMICROELECTRONICS-SD1680 Datasheet
98Kb / 7P
   RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com