Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB800FME3 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # SB800FME3
Description  700/800/900/1850 mhz coils/whips
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SB800FME3 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  SB800FME3 Datasheet HTML 1Page - Pulse A Technitrol Company SB800FME3 Datasheet HTML 2Page - Pulse A Technitrol Company SB800FME3 Datasheet HTML 3Page - Pulse A Technitrol Company SB800FME3 Datasheet HTML 4Page - Pulse A Technitrol Company SB800FME3 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
26
www.pulseelectronics.com/products/antennas
700/800/900/1850 MHz
NOTE: Antennas are not to scale
700/800/900/1850 mhz sTeAlTh BlAdes
Stealth Blade antennas have the following specifications:
Gain:
2.14 dBi
Maximum Power: 3 Watts
Polarization:
Linear
Frequency
Bandwidth
dimensions
model
(mhz)
% @1.5/2.1
l x w (in)
coax
connector
SB8003
806-896
67/90
5.2 x .75
3’ RG-174
No Conn
SB80012
806-896
67/90
5.2 x .75
12’ RG-174
No Conn
SB800FME3
806-896
67/90
5.2 x .75
3’ RG-174
FME
SB800FME12
806-896
67/90
5.2 x .75
12’ RG-174
FME
SB800MPL3
806-896
67/90
5.2 x .75
3’ RG-174
MPL
SB800MPL12
806-896
67/90
5.2 x .75
12’ RG-174
MPL
SB800SMA3
806-896
67/90
5.2 x .75
3’ RG-174
SMA
SB800TNC3
806-896
67/90
5.2 x .75
3’ RG-174
TNC
SB800TNC12
806-896
67/90
5.2 x .75
12’ RG-174
TNC
SB9003
890-960
67/90
5.2 x .75
3’ RG-174
No Conn
SB90012
890-960
55/70
5.2 x .75
12’ RG-174
No Conn
SB900SMA3
890-960
55/70
5.2 x .75
3’ RG-174
SMA
SB900SMA12
890-960
55/70
5.2 x .75
12’ RG-174
SMA
R380.900.323
806-960 / 1710-2170
5 X .8
10’ RG-174
FME
R380.900.334
806-960 / 1710-2170
5 X .8
10’ RG-174
SMA
SB900
SB800
R380


Similar Part No. - SB800FME3

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
SB8002 PF-SB8002 Datasheet
712Kb / 3P
   Zener Barrier
2022-01-10
logo
Pulse A Technitrol Comp...
SB8003 PULSE-SB8003 Datasheet
158Kb / 5P
   ANTENNAS
More results

Similar Description - SB800FME3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
   Low Power 700/800/900 MHz
ATZB-900-B0 ATMEL-ATZB-900-B0 Datasheet
448Kb / 20P
   ZigBit??700/800/900 MHz Wireless Modules
logo
Switchcraft, Inc.
SC700 SWITCH-SC700 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
logo
IC MICROSYSTEMS
ICL2001-23 ICMIC-ICL2001-23 Datasheet
913Kb / 6P
   800 - 900 MHz LOW NOISE AMPLIFIER
logo
STMicroelectronics
SD1414 STMICROELECTRONICS-SD1414 Datasheet
62Kb / 5P
   RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
SD1414-12 STMICROELECTRONICS-SD1414-12 Datasheet
50Kb / 6P
   RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
logo
Infineon Technologies A...
BGA713L7 INFINEON-BGA713L7 Datasheet
1Mb / 27P
   Single-Band UMTS LNA (700, 800 MHz)
Revision 3.0, 2010-10-04
logo
Advanced Power Technolo...
MS1536 ADPOW-MS1536 Datasheet
121Kb / 4P
   RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS
logo
STMicroelectronics
SD1680 STMICROELECTRONICS-SD1680 Datasheet
98Kb / 7P
   RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com