Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5233-3.3BM5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5233-3.3BM5
Description  High Input Voltage, Low IQ uCap LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5233-3.3BM5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5233-3.3BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
August 2003
3
MIC5233
MIC5233
Micrel
Electrical Characteristics (Note 4)
T
A = 25°C with VIN = VOUT + 1V; IOUT = 100µA; VEN ≥ 2V; Bold values indicate –40°C< TJ < +125°C; unless otherwise specified.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal V
OUT
–1.0
+1.0
%
–2.0
+2.0
%
Line Regulation
V
IN = VOUT + 1V to 36V
0.04
0.5
%
Load Regulation
I
OUT = 100µA to 100mA
0.25
1
%
Dropout Voltage
I
OUT = 100µA50
mV
I
OUT = 50mA
230
300
mV
400
mV
I
OUT = 100mA
270
400
mV
450
mV
Ground Current
I
OUT = 100µA18
30
µA
35
µA
I
OUT = 50mA
0.35
0.70
mA
I
OUT = 100mA
1
2
mA
Ground Current in Shutdown
V
EN ≤ 0.6V; VIN = 36V
0.1
1
µA
Short Circuit Current
V
OUT = 0V
190
350
mA
Output Leakage,
Load = 500
Ω; V
IN = –15V
–0.1
µA
Reverse Polarity Input
Enable Input
Input Low Voltage
Regulator OFF
0.6
V
Input High Voltage
Regulator ON
2.0
V
Enable Input Current
V
EN = 0.6V; Regulator OFF
–1.0
0.01
1.0
µA
V
EN = 2.0V; Regulator ON
0.1
1.0
µA
V
EN = 36V; Regulator ON
0.5
2.5
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Specification for packaged product only.
Absolute Maximum Ratings (Note 1)
Input Supply Voltage ....................................... –20V to 38V
Enable Input Voltage ...................................... –0.3V to 38V
Power Dissipation .................................... Internally Limited
Junction Temperature .............................. –40
°C to +125°C
Storage Temperature ............................... –65
°C to +150°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Input Supply Voltage ........................................ 2.3V to 36V
Enable Input Voltage ........................................... 0V to 36V
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
SOT-23-5
JA) .................................................. 235°C/W


Similar Part No. - MIC5233-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233-3.3BM5 MICREL-MIC5233-3.3BM5 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
More results

Similar Description - MIC5233-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
logo
Microchip Technology
MIC5233 MICROCHIP-MIC5233 Datasheet
1Mb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision D July 2019
MIC3490 MICROCHIP-MIC3490 Datasheet
942Kb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision A February 2019
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
   2.5A, Low Voltage UCap LDO Regulator
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com