Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4040 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part No. 4040
Description  No sound or vibration
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

4040 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  4040 Datasheet HTML 1Page - Laird Tech Smart Technology 4040 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
THR-DS-ZT8,12,F1,4040 0909
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird
Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability or suitability
of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold
pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2009 Laird Technologies, Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
ZT Series ZT8,12,F1,4040
Thermoelectric Module
perFormance curveS
mechanical Drawing
0.0
3.0
6.0
9.0
12.0
15.0
0
10
20
30
40
50
60
70
80
Delta T (C)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0
10
20
30
40
50
60
70
80
Delta T (C)
8.5
6.4
4.3
2.1
(SEE OPTIONS)
(SEE OPTIONS)
THICKNESS
(SEE TABLE)
20 AWG STRANDED PVC
(SEE OPTIONS)
HOT FACE
COLD FACE
1.575
[40.0]
[40.0]
1.575
CeramicMaterial96%AluminaCeramics
SolderConstruction:138°CBiSn
operaTing TipS
•Maxoperatingtemperature:80°C
•DonotexceedImaxorVmaxwhen
operatingmodule
•Referenceassemblyguidelinesfor
recommendedinstallation


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn