Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5238-1.3BM5 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5238-1.3BM5
Description  Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5238-1.3BM5 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5238-1.3BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5238-1.3BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5238-1.3BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5238-1.3BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5238-1.3BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5238-1.3BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5238-1.3BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5238-1.3BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5238-1.3BM5 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MIC5238
Micrel
MIC5238
10
August 2003
Package Information
0.20 (0.008)
0.09 (0.004)
0.60 (0.024)
0.10 (0.004)
3.02 (0.119)
2.80 (0.110)
10
°
0
°
3.00 (0.118)
2.60 (0.102)
1.75 (0.069)
1.50 (0.059)
0.95 (0.037) REF
1.30 (0.051)
0.90 (0.035)
0.15 (0.006)
0.00 (0.000)
DIMENSIONS:
MM (INCH)
0.50 (0.020)
0.35 (0.014)
1.90 (0.075) REF
SOT-23-5 (M5)
1.90BSC
1.90BSC
1.90BSC
1.60BSC
1.60BSC
DIMENSIONS:
Millimeter
2.90BSC
0.10
0.01
0.20
0.12
0.30
0.50
0.30
0.45
0.90
0.80
2.9BSC
1.00
0.90
TSOT-23-5 (D5)
MICREL, INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2003 Micrel, Incorporated.


Similar Part No. - MIC5238-1.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238-1.3BM5 MICREL-MIC5238-1.3BM5 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results

Similar Description - MIC5238-1.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5232 MICREL-MIC5232 Datasheet
310Kb / 10P
   10mA Ultra-Low Quiescent Current uCap LDO
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com