Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5238-1.1BM5 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5238-1.1BM5
Description  Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5238-1.1BM5 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5238-1.1BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5238-1.1BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5238-1.1BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5238-1.1BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5238-1.1BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5238-1.1BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5238-1.1BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5238-1.1BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5238-1.1BM5 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MIC5238
Micrel
MIC5238
8
August 2003
Applications Information
Enable/Shutdown
The MIC5238 comes with an active-high enable pin that
allows the regulator to be disabled. Forcing the enable pin low
disables the regulator and sends it into a “zero” off-mode-
current state. In this state, current consumed by the regulator
goes nearly to zero. Forcing the enable pin high enables the
output voltage.
Input Bias Capacitor
The input capacitor must be rated to sustain voltages that
may be used on the input. An input capacitor may be required
when the device is not near the source power supply or when
supplied by a battery. Small, surface mount, ceramic capaci-
tors can be used for bypassing. Larger values may be
required if the source supply has high ripple.
Output Capacitor
The MIC5238 requires an output capacitor for stability. The
design requires 2.2
µF or greater on the output to maintain
stability. The design is optimized for use with low-ESR
ceramic chip capacitors. High ESR capacitors may cause
high frequency oscillation. The maximum recommended
ESR is 3
Ω. The output capacitor can be increased without
limit. Larger valued capacitors help to improve transient
response.
X7R/X5R dielectric-type ceramic capacitors are recom-
mended because of their temperature performance. X7R-
type capacitors change capacitance by 15% over their oper-
ating temperature range and are the most stable type of
ceramic capacitors. Z5U and Y5V dielectric capacitors change
value by as much as 50% and 60% respectively over their
operating temperature ranges. To use a ceramic chip capaci-
tor with Y5V dielectric, the value must be much higher than a
X7R ceramic capacitor to ensure the same minimum capaci-
tance over the equivalent operating temperature range.
No-Load Stability
The MIC5238 will remain stable and in regulation with no load
unlike many other voltage regulators. This is especially
important in CMOS RAM keep-alive applications.
Thermal Considerations
The MIC5238 is designed to provide 150mA of continuous
current in a very small package. Maximum power dissipation
can be calculated based on the output current and the voltage
drop across the part. To determine the maximum power
dissipation of the package, use the junction-to-ambient ther-
mal resistance of the device and the following basic equation:
P
TT
D(MAX)
J(MAX)
A
JA
=


θ
T
J(MAX) is the maximum junction temperature of the die,
125
°C, and T
A is the ambient operating temperature. θJA is
layout dependent; Table 1 shows the junction-to-ambient
thermal resistance for the MIC5238.
Package
θθθθθ
JA Recommended
Minimum Footprint
SOT-23-5
235
°C/W
Table 1. SOT-23-5 Thermal Resistance
The actual power dissipation of the regulator circuit can be
determined using the equation:
P
D = (VIN – VOUT)IOUT + VINIGND
Substituting P
D(MAX) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For
example, when operating the MIC5238-1.0BM5 at 50
°C with
a minimum footprint layout, the maximum input voltage for a
set output current can be determined as follows:
P
125 C
50 C
235 C/W
D(MAX) =
°−
°
°


P
D(MAX) = 319mW
The junction-to-ambient (
θ
JA) thermal resistance for the
minimum footprint is 235
°C/W, from Table 1. It is important
that the maximum power dissipation not be exceeded to
ensure proper operation. With very high input-to-output volt-
age differentials, the output current is limited by the total
power dissipation. Total power dissipation is calculated using
the following equation:
P
D = (VIN – VOUT)IOUT + VIN x IGND + VBIAS x IBIAS
Since the bias supply draws only 18
µA, that contribution can
be ignored for this calculation.
If we know the maximum load current, we can solve for the
maximum input voltage using the maximum power dissipa-
tion calculated for a 50
°C ambient, 319mV.
P
DMAX = (VIN – VOUT)IOUT + VIN x IGND
319mW = (V
IN – 1V)150mA + VIN x 2.8mA
Ground pin current is estimated using the typical character-
istics of the device.
469mW = V
IN (152.8mA)
V
IN = 3.07V
For higher current outputs only a lower input voltage will work
for higher ambient temperatures.
Assuming a lower output current of 20mA, the maximum input
voltage can be recalculated:
319mW = (V
IN – 1V)20mA + VIN x 0.2mA
339mW = V
IN x 20.2mA
V
IN = 16.8V
Maximum input voltage for a 20mA load current at 50
°C
ambient temperature is 16.8V. Since the device has a 6V
rating, it will operate over the whole input range.
Dual Suppy Mode Efficiency
By utilizing a bias supply the conversion efficiency can be
greatly enhanced. This can be realized as the higher bias
supply will only consume a few
µA’s while the input supply will
require a few mA’s! This equates to higher efficiency saving
valuable power in the system. As an example, consider an
output voltage of 1V with an input supply of 2.5V at a load


Similar Part No. - MIC5238-1.1BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238-1.1BM5 MICREL-MIC5238-1.1BM5 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results

Similar Description - MIC5238-1.1BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5232 MICREL-MIC5232 Datasheet
310Kb / 10P
   10mA Ultra-Low Quiescent Current uCap LDO
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com