Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5156WB Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # S5156WB
Description  Rugged, lightweight, and water resistant
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S5156WB Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  S5156WB Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
ANT-DS-S5156WB 0611
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials rests with
the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability or suitability of any Laird
Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are
sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2011 Laird Technologies, Inc. All
Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other
product or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
Innovative Technology
for a Connected World
FEATURES
• Vertically polarized and omnidirectional
• Rugged, lightweight, and water resistant
• 4900-5850 MHz with full 802.11a wide-band performance
• Facilitatesdirect-to-radiomountingwithIntegrated type N male connector
• 802.11aindoororoutdoorcoverage
MARKETS
• WiMAX
5 GHz Direct-Mount Omni Antenna
S5156WB
4900-5850 MHz V-POL OMNIDIRECTIONAL ANTENNA
Laird Technologies’ 4900-5850 MHz wide-band omnidirectional antenna is optimized
for direct chassis mount to outdoor radios and NEMA enclosures. Standard in each
antenna of this series is an integrated N male connector, directly mounted to the antenna
base. The rugged connector is perfect for outdoor MESH applications that may require
the direct mount to the radio or enclosure.
Enclosed in a UV-stable, water-resistant housing, the S5156WB antenna provides years
of trouble-free service. The series includes antennas of various gains, all with integrated
N male connectors. A mast-mount hardware kit is available for applications that require
remote mount from the radio enclosure.
PARAMETER
SPECIFICATION
Frequency (MHz)
4900-5850
Gain (4900-5000)
7 dBi
Gain (5400-5850)
8 dBi
Elevation beamwidth
16°
Azimuth beamwidth
Omnidirectional
Polarization
Vertical Linear
VSWR
2.0:1
Weight lbs.
0.37
Mounting Style
Direct Mount
Dimensions (in)
1.0 x 11.5
Wide load rating
125 mph
Enclosure
Polycarbonate
Power (Watts)
5
RF Connectors
N (m)


Similar Part No. - S5156WB

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S5151290P12SMF LSTD-S5151290P12SMF Datasheet
526Kb / 1P
   UV stable weatherproof radome
S51512AMP10TNF LSTD-S51512AMP10TNF Datasheet
551Kb / 1P
   CAMPUS AND IN-BUILDING DIRECTIONAL ANTENNAS
S5153WBPX LSTD-S5153WBPX Datasheet
385Kb / 1P
   Educational or industrial campuses
logo
Chongqing Pingwei Enter...
S515BF CHONGQING-S515BF Datasheet
217Kb / 2P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S515BF CHONGQING-S515BF Datasheet
217Kb / 2P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - S5156WB

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S24512BPX LSTD-S24512BPX Datasheet
468Kb / 1P
   Rugged, lightweight and water resistant
logo
List of Unclassifed Man...
174 ETC2-174 Datasheet
115Kb / 2P
   RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Linx Technologies
ANT-1.4-CW-HW LINX-ANT-1.4-CW-HW Datasheet
324Kb / 2P
   Rugged & damage-resistant
4/28/14
ANT-868-CW-HW LINX-ANT-868-CW-HW Datasheet
332Kb / 2P
   Rugged & damage-resistant
11/18/13
ANT-2.4-CW-RAH LINX-ANT-2.4-CW-RAH Datasheet
390Kb / 2P
   Rugged & damage-resistant
12/4/13
ANT-2.4-CW-HWR LINX-ANT-2.4-CW-HWR Datasheet
395Kb / 2P
   Rugged & damage-resistant
8/1/2017
ANT-2.4-CW-QW LINX-ANT-2.4-CW-QW Datasheet
364Kb / 2P
   Rugged & damage-resistant
12/9/13
ANT-1.4-CW-HWR LINX-ANT-1.4-CW-HWR Datasheet
391Kb / 2P
   Rugged & damage-resistant
8/1/2017
ANT-2.4-CW-HW LINX-ANT-2.4-CW-HW Datasheet
323Kb / 2P
   Rugged & damage-resistant
11/18/13
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com