Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5212-SJBM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5212-SJBM
Description  Dual 500mA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5212-SJBM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5212-SJBM Datasheet HTML 1Page - Micrel Semiconductor MIC5212-SJBM Datasheet HTML 2Page - Micrel Semiconductor MIC5212-SJBM Datasheet HTML 3Page - Micrel Semiconductor MIC5212-SJBM Datasheet HTML 4Page - Micrel Semiconductor MIC5212-SJBM Datasheet HTML 5Page - Micrel Semiconductor MIC5212-SJBM Datasheet HTML 6Page - Micrel Semiconductor MIC5212-SJBM Datasheet HTML 7Page - Micrel Semiconductor MIC5212-SJBM Datasheet HTML 8Page - Micrel Semiconductor MIC5212-SJBM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2003
1
MIC5212
MIC5212
Micrel
MIC5212
Dual 500mA LDO Regulator
Final
General Description
The MIC5212 is a dual linear voltage regulator with very-low
dropout voltage (typically 10mV at light loads and 350mV at
500mA), very-low ground current (225
µA at 10mA output),
and better than 1% initial accuracy.
Both regulator outputs can supply up to 500mA at the same
time as long as each regulator’s maximum junction tempera-
ture is not exceeded.
Key features include current limiting, overtemperature shut-
down, and protection against reversed battery.
The MIC5212 is available in a fixed 3.3V/2.5V output voltage
configuration. Other voltages are available; contact Micrel for
details.
Typical Application
VO1 = 3.3V
VO2 = 2.5V
IN = 5V
4.7
µF
4.7
µF 4.7µF
MIC5212-SJBM
GND
OUTB
OUTA
INA
INB
3.3V/2.5V Dual LDO
Features
• Fused lead frame SOIC-8
• Up to 500mA per regulator output
• Low quiescent current
• Low dropout voltage
• Tight load and line regulation
• Low temperature coefficient
• Current and thermal limiting
• Reversed input polarity protection
Applications
• Hard disk drives
• CD R/W
• Bar code scanners
• SMPS post regulator/DC-to-DC modules
• High-efficiency linear power supplies
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ordering Information
Part Number
Voltage
Accuracy
Junction Temp. Range*
Package
MIC5212-SJBM
3.3V/2.5V
1.0%
–40
°C to +125°C
8-lead SOIC
Other voltages available. Contact Micrel for details.


Similar Part No. - MIC5212-SJBM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5212-SJYM MICROCHIP-MIC5212-SJYM Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
MIC5212-SJYM-TR MICROCHIP-MIC5212-SJYM-TR Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
More results

Similar Description - MIC5212-SJBM

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
G926 GMT-G926_06 Datasheet
335Kb / 8P
   Dual 500mA LDO Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
   500mA LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com