Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASUTCC500MD Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # DASUTCC500MD
Description  Ceiling-Mount Omni Antenna
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASUTCC500MD Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  DASUTCC500MD Datasheet HTML 1Page - Pulse A Technitrol Company DASUTCC500MD Datasheet HTML 2Page - Pulse A Technitrol Company DASUTCC500MD Datasheet HTML 3Page - Pulse A Technitrol Company DASUTCC500MD Datasheet HTML 4Page - Pulse A Technitrol Company DASUTCC500MD Datasheet HTML 5Page - Pulse A Technitrol Company DASUTCC500MD Datasheet HTML 6Page - Pulse A Technitrol Company DASUTCC500MD Datasheet HTML 7Page - Pulse A Technitrol Company DASUTCC500MD Datasheet HTML 8Page - Pulse A Technitrol Company DASUTCC500MD Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
San Diego, California
Vancouver, Washington
Europe
China
858 674 8100
360 944 7551
49 173 659 8521
86 512 69206053
L173.F (03/16)
2
pulseantennas.com
Clarity Series TM
Translucent & White DAS Antenna Family
Ultra-Thin, Ceiling-Mount Omni Antenna
Featuring PIMinator® Low PIM Performance
Mechanical Specifications
Radome Material
UV Protected, UL94 V-0
Weight [oz/g]
1.65 / 750
Dimensions [Inches/mm]
Height [Inches/mm]
9.41 / 239 diameter
Full height 6.78 / 172
Extension from ceiling only 0.33 / 8.4
Electrical Specifications (Both Clear & White configuration)
Frequency [MHz]
608-960/1695-2200/
2300-2700
Nominal Impedance [ Ω ]
50
608-960 MHz
<2:1
1695-2200 MHz
<2:1
2300-2700 MHz
<2:1
Without Reflector
With Reflector
608-960 MHz [dBi typ]
4
7
1695-2200 MHz [dBi typ]
6
7
2300-2700 MHz [dBi typ]
6
5
HPBW Horizontal Plane at 45° [°]
360
HPBW Vertical Plane (608-960) [° typ]
100
90
HPBW Vertical Plane (1695-2700) [° typ]
130
25
Polarization
Vertical
Power Rating [W]
40
PIM at 2x20 Watts [dBc]
-155
Connector
(NF), (4.1-9.5 Mini DIN F), (4.3-10 DIN F)
Cable Type
Plenum Rated, CM-Rated, NFPA262 compliant
Environmental Specifications
Operating Temperature [°C]
-40 to +70


Similar Part No. - DASUTCC500MD

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DASUTCC500MD PULSE-DASUTCC500MD Datasheet
2Mb / 21P
   UltraThin, clear radome antenna for iDAS
DASUTCC500MD PULSE-DASUTCC500MD Datasheet
1Mb / 21P
   UltraThin, clear radome antenna for iDAS
More results

Similar Description - DASUTCC500MD

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
IDAS.C.001 TAOGLAS-IDAS.C.001 Datasheet
4Mb / 24P
   iDAS MIMO LTE Ceiling Mount Omni Antenna
logo
Raltron Electronics Cor...
RCL-MB3C7-17072-1M-H-001 RALTRON-RCL-MB3C7-17072-1M-H-001 Datasheet
173Kb / 1P
   CEILING ANTENNA
logo
Pulse A Technitrol Comp...
W5067 PULSE-W5067 Datasheet
490Kb / 7P
   Radome Omni ??Omni directional Antenna
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
   Radome Omni Antenna
logo
Maxtena Inc.
MEA-960-LTE MAXTENA-MEA-960-LTE Datasheet
617Kb / 4P
   OMNI-DIRECTIONAL ANTENNA
REV A
MEA-UWB-LTE-90 MAXTENA-MEA-UWB-LTE-90 Datasheet
1Mb / 5P
   OMNI-DIRECTIONAL ANTENNA
REV A
logo
World Produts Inc.
WPANT30134 WPI-WPANT30134 Datasheet
100Kb / 2P
   3G Cellular Mag-mount Omni-directional Antenna
WPANT30041-RA WPI-WPANT30041-RA Datasheet
137Kb / 2P
   3G / 4G Penta-band Indoor Ceiling mount Antenna
logo
TE Connectivity Ltd
2363695-1 TEC-2363695-1 Datasheet
1Mb / 3P
   SISO CEILING MOUNT UHF/3G/4G/5G ANTENNA
logo
Pulse A Technitrol Comp...
W1920 PULSE-W1920 Datasheet
328Kb / 3P
   Omni Directional Blade Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com