Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-10261 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 408-10261
Description  Small Form- Factor Pluggable (SFP) Seating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-10261 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  408-10261 Datasheet HTML 1Page - TE Connectivity Ltd 408-10261 Datasheet HTML 2Page - TE Connectivity Ltd 408-10261 Datasheet HTML 3Page - TE Connectivity Ltd 408-10261 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408- 10261
Rev C
2
of 4
S
it should have flat surfaces with holes or a
channel large enough and deep enough to
receive any protruding components of the
connector and cage assembly and to prevent
the pc board from bowing.
3.2. Application Tool
Power for seating tools must be provided by an
application tool (with a ram) capable of supplying a
downward force of 44.5 N [10 lb--force] per contact.
Manual Arbor Frame Assembly 58024--1 is available
for use with these seating tool kits. Refer to
Instruction Sheet 408--6923 for operating procedure.
Over--driving of the connector and cage assembly
will deform parts critical to the quality of the
connection. Maximum force occurs prior to the
connector and cage assembly bottoming on the
pc board.
4. SETUP
When setting up equipment to seat the connector and
cage assembly, pay particular attention to the
following:
S
the seating tool must be matched to the
connector and cage assembly
If the seating tool and connector and cage
assembly are mismatched or are improperly
aligned, damage could occur to the tooling,
connector and cage assembly, or both.
S
the wall support must be properly installed, and
the seating tool, connector and cage assembly,
and application tool ram must be properly
aligned before cycling the application tool
1. Set tool seating height to the dimension shown
in Figure 2 (application tool shut height will equal
the tool seating height PLUS the combined
thicknesses of the pc board and support fixture).
After seating, a gap of no more than 0.10 mm
[.004 in.] between the cage assembly standoffs
and the pc board is allowed.
Use the tool seating height as a reference
starting point. This height may need to be
adjusted to obtain the amount allowed (maximum
of 0.10 mm [.004 in.]) between the standoffs of
the cage assembly and the pc board.
2. Slide the wall support into the port(s) of the cage
assembly until the wall support is secure.
5. SEATING (Figure 2)
1. Place the pc board on the support fixture.
2. Orient the seating tool over the cage assembly
so that the back is aligned with the back of the
cage assembly. Then lower the seating tool onto
the cage assembly, making sure that the cutouts
slide over the protruding components of the cage
assembly, until the seating tool bottoms on the top
of the cage assembly.
Ram of Application Tool
(Fully Down)
Seating Tool (2018280--1 Shown)
PC Board
PC Board Support Fixture
Press--Fit Contacts (and Any
Protruding Components) Inserted
into Holes in PC Board and
PC Board Support Fixture
Note:
Not to Scale
Cage Assembly
A
(See Table)
Application Tool
Shut Height
(Ram Fully Down)
(See Section4, Step1)
Wall Support (Installed in
Ports of Cage Assembly)
0.10 mm [.004 in.]
(Max) Gap Allowed
B
(See Table)
DIMENSION A
TOOL SEATING HEIGHTD
DIMENSION B
CAGE ASSEMBLY SEATING HEIGHTD
40.64 mm [1.60 in.]
25.5 mm [1.004 in.]
Figure 2
D
With Connector and Cage Assembly Seated
CAUTION
!
CAUTION
!
NOTE
i


Similar Part No. - 408-10261

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10260 MACOM-408-10260 Datasheet
179Kb / 3P
   Insulated tap assemblies include a housing for protection from other components on the pc board.
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
   Insert the shank of the nest into the yoke and tighten the set screw.
408-10267 MACOM-408-10267 Datasheet
286Kb / 3P
   Undercarpet PRO?밅RIMPER III Hand Tool Assembly
More results

Similar Description - 408-10261

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32212 TEC-408-32212 Datasheet
333Kb / 4P
   Small Form-Factor Pluggable Cage Assembly Seating Tool
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
TE Connectivity Ltd
408-10259 TEC-408-10259 Datasheet
92Kb / 3P
   Small Form-Factor Pluggable (SFP) and zSFP
logo
Molex Electronics Ltd.
0759510999 MOLEX9-0759510999 Datasheet
109Kb / 2P
   Small Form Factor Pluggable (SFP) Dust Plug
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
logo
Advantech Co., Ltd.
SFP-GMM-550 ADVANTECH-SFP-GMM-550 Datasheet
290Kb / 2P
   Small Form-Factor Pluggable SFP. SFP and XFP Modules
22-Apr-2019
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com