Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX20SA2600OHBBXZD-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # TX20SA2600OHBBXZD-PF
Description  TCXO, 2.0 x 1.6mm, Clipped sine wave
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TX20SA2600OHBBXZD-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology

  TX20SA2600OHBBXZD-PF Datasheet HTML 1Page - Advanced Crystal Technology TX20SA2600OHBBXZD-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TX20SA Series
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range 
F_nom   8.0MHz ~ 50.0MHz
  Limited frequencies available
 Supply voltage
Vcc  1.8V, 2.4V,2.8V, 3.0V
  ±5% tolerance
 Initial frequency tolerance  
F_tol  ±1.0ppm max
 at +25°C
 Frequency stability 
 vs Temperature
F_stb  ±0.5ppm max
 Table 1
 vs Load
F_load  ±0.2ppm max.  ±10% load condition change
 vs Voltage
F_Vcc  ±0.2ppm max.  ±5% input voltage change
 vs Aging
F_age  ±1.0ppm max
 1 year
 vs Reflow
 ±1.0ppm max.
 2 times
 Frequency stability slope (‐20°C ~ +70°C)
 ±0.1ppm/°C max  Every +2°C
 Frequency stability slope (‐30°C ~ ‐20°C)
 ±0.2ppm/°C max  Every +2°C
 Frequency stability slope (+70°C ~ +85°C)
 ±0.2ppm/°C max  Every +2°C
 Operating temperature range (°C)
Topr  ‐30°C ~ +85°C
 Table 1
 Storage temperature (°C)
Tstg  ‐40°C ~ +85°C
 Output wave form
 Clipped sine wave
 DC coupled
 Output voltage level
 0.8V p‐p (min.)
 Output Load
 10KΩ//10pF
 ±10% tolerance
 Current consumption
Icc  1.5mA max.                     
 10KΩ//10pF±10%
 Start‐up time
T_str  2.0ms max.  Reach 90% amplitude at +25°C
 Moisture sensitive level
MSL 1
 ESD sensitive device
 Yes
 
 Please leave product at room temperature for 2 hrs or more after reflow.
 Table 1 Frequency stability vs Temperature
 Temp. (°C)
 Stability in ppm
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
   0°C to 50°C 
√√√√√
‐10°C to 60°C 
√√√√√
‐20°C to 70°C 
√√√√√
‐30°C to 75°C 
√√√√√
‐30°C to 85°C 
√√√√√
Pad 1 : Ground
Pad 3 : Ground
Pad 4 : Output
Pad 6 : Supply voltage
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
TCXO, 2.0 x 1.6mm, Clipped sine wave
Dimensions(Unit:mm)
From ±0.5ppm stability over ‐30°C to 85°C
2.0
1
2
3
4
1
2
3
4
1.2
0.4
1.2
0.6
Top view
Bottom view
Land pattern
Side view


Similar Part No. - TX20SA2600OHBBXZD-PF

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX20-10-7 FERROXCUBE-TX20-10-7 Datasheet
43Kb / 3P
   Ferrite toroids
TX20-13-6.4 FERROXCUBE-TX20-13-6.4 Datasheet
44Kb / 3P
   Alloy powder toroids
TX20/10/7 FERROXCUBE-TX20/10/7 Datasheet
43Kb / 3P
   Ferrite toroids
TX20/10/7-3E5 FERROXCUBE-TX20/10/7-3E5 Datasheet
43Kb / 3P
   Ferrite toroids
TX20/10/7-3E6 FERROXCUBE-TX20/10/7-3E6 Datasheet
43Kb / 3P
   Ferrite toroids
More results

Similar Description - TX20SA2600OHBBXZD-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TX25SA ACT-TX25SA Datasheet
650Kb / 2P
   TCXO, 2.5 x 2.0mm, Clipped sine wave
24062016
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
   SMD TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
MTRONPTI
M60641HSN MTRONPTI-M60641HSN Datasheet
882Kb / 2P
   2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
   Clipped Sine Wave TCXO/VCTCXO
07/10/2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com