Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPB2412S-1W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPB2412S-1W
Description  1W 3KVDC Isolation Regulated Single Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPB2412S-1W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPB2412S-1W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPB2412S-1W Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 1 of 2
TPB-1W Series
DESCRIPTION:
TPB-1W series are specially designed for 3KVDC isolation & regulated single and output application,
the input voltage range within ±5%, regulated output with very low ripple noise. short circuit protection
FEATURES
SIP package
3000VDC Isolation
Operating temperature -40ºC to 85ºC
Regulated single output
Continuous short circuit protection
RoHS Compliance、CE certification
Low ripple noise
Small footprint
No external component required
Internal SMD construction
Input voltage:3.3V,5V,12V,15V,24V
Output voltage:3.3V,5V,9V,12V,15V,24V
SELECTION GUIDE
Part Number
Input
Output
Efficiency(%)
Voltage(VDC)
Voltage(VDC)
Current(mA)
Nominal
Range
Max
Min
TPB0303S-1W
3.3
3.13~3.47
3.3
303
30
66
TPB0305S-1W
3.3
3.13~3.47
5
200
20
66
TPB0503S-1W
5
4.75~5.25
3.3
303
30
66
TPB0505S-W75
5
4.75~5.25
5
150
15
68
TPB0505S-1W
5
4.75~5.25
5
200
20
66
TPB0509S-1W
5
4.75~5.25
9
111
12
70
TPB0512S-1W
5
4.75~5.25
12
83
9
71
TPB0515S-1W
5
4.75~5.25
15
67
7
73
TPB0524S-1W
5
4.75~5.25
24
42
5
68
TPB1205S-W75
12
11.4~12.6
5
150
15
70
TPB1205S-1W
12
11.4~12.6
5
200
20
67
TPB1209S-1W
12
11.4~12.6
9
111
12
72
TPB1212S-1W
12
11.4~12.6
12
83
9
70
TPB1215S-1W
12
11.4~12.6
15
67
7
74
TPB1224S-1W
12
11.4~12.6
24
42
5
68
TPB1505S-W75
15
14.25~15.75
5
150
15
68
TPB1505S-1W
15
14.25~15.75
5
200
20
67
TPB1509S-1W
15
14.25~15.75
9
111
12
71
TPB1512S-1W
15
14.25~15.75
12
83
9
71
TPB1515S-1W
15
14.25~15.75
15
67
7
72
TPB1524S-1W
15
14.25~15.75
24
42
5
68
TPB2405S-W75
24
22.8~25.2
5
150
15
68
TPB2405S-1W
24
22.8~25.2
5
200
20
68
TPB2409S-1W
24
22.8~25.2
9
111
12
68
TPB2412S-1W
24
22.8~25.2
12
83
9
73
TPB2415S-1W
24
22.8~25.2
15
67
7
75
TPB2424S-1W
24
22.8~25.2
24
42
5
68
Add suffix “P” for continuous short circuit protection, for example TPB0505SP-1W.
ISOLATION CHARACTERISTICS
Item
Test condition
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at 1000VDC
1
GΩ
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Output power
0.1
1
W
Line regulation
For Vin change of ±5%
±0.25
%
Load regulation
10% to100% load
±1
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
±0.03
%/℃
Ripple
20MHz Bandwidth
10
20
mv p-p
Noise
20MHz Bandwidth
50
75
mv p-p
Switching frequency
100% load,nominal input
100
KHz
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TOPPOWER


Similar Part No. - TPB2412S-1W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPB2412S-1W TOPPOWER-TPB2412S-1W Datasheet
674Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB2412S-1W TOPPOWER-TPB2412S-1W Datasheet
233Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB2412S-1W TOPPOWER-TPB2412S-1W Datasheet
262Kb / 3P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results

Similar Description - TPB2412S-1W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_V02 Datasheet
262Kb / 3P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_V01 Datasheet
233Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_19 Datasheet
674Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPI TOPPOWER-TPI Datasheet
198Kb / 3P
   1W 3KVDC Isolation & Regulated Dual Output DC-DC Converters
TPF TOPPOWER-TPF Datasheet
655Kb / 3P
   1W 3KVDC Isolated Regulated Single Output DC/DC Converters
TPB TOPPOWER-TPB_19 Datasheet
667Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB TOPPOWER-TPB Datasheet
648Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB TOPPOWER-TPB_V01 Datasheet
704Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-2W TOPPOWER-TPB-2W Datasheet
154Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com