Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4ATGBW4680A3GJ Datasheet(PDF) 1 Page - Kemet Corporation

Part # C4ATGBW4680A3GJ
Description  Film, Metallized Polypropylene, Power, C4AT, 6.8 uF, 5%, 450 V, 70C, Lead Spacing = 27.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4ATGBW4680A3GJ Datasheet(HTML) 1 Page - Kemet Corporation

  C4ATGBW4680A3GJ Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 129936f7-eb22-40fd-9da0-69c98470b4d8
KEMET Part Number: C4ATGBW4680A3GJ
Film, Metallized Polypropylene, Power, C4AT, 6.8 uF, 5%, 450 V, 70C, Lead Spacing = 27.5mm
S1
S
L
H
LL
T
F
Dimensions
L
32mm NOM
H
37mm NOM
T
22mm NOM
S
27.5mm +/-0.4mm
LL
6mm -2mm
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 64
General Information
Dielectric: Metallized Polypropylene
Style: Radial
Series: C4AT
Features: Switching
RoHS: Yes
Lead: 4 Wire Leads
Specifications
Capacitance: 6.8 uF
Capacitance Tolerance: 5%
Voltage DC: 450 VDC
Voltage AC: 275 VAC
Temperature Range: -40/+85C
Rated Temperature: 70C
Dissipation Factor: 0.05%
Max dVdt: 82 V
Resistance: 1.6 mOhms (100kHz)
Current: 29 Amps (100kHz 70C), 554
Amps (Peak)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C4ATGBW4680A3GJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4ATGBW5100A3FJ KEMET-C4ATGBW5100A3FJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 10 uF, 5%, 450 V, 70C, Lead Spacing = 37.5mm
C4ATGBW5150A3LJ KEMET-C4ATGBW5150A3LJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 15 uF, 5%, 450 V, 70C, Lead Spacing = 37.5mm
C4ATGBW5330A3NJ KEMET-C4ATGBW5330A3NJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 33 uF, 5%, 450 V, 70C, Lead Spacing = 52.5mm
More results

Similar Description - C4ATGBW4680A3GJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4ATGBU4330A3EJ KEMET-C4ATGBU4330A3EJ Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 3.3 uF, 5%, 450 V, 70C, Lead Spacing = 27.5mm
C4ATMBW4680A3MJ KEMET-C4ATMBW4680A3MJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 6.8 uF, 5%, 850 V, 70C, Lead Spacing = 52.5mm
C4ATFBU4150A3AJ KEMET-C4ATFBU4150A3AJ Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 1.5 uF, 5%, 400 V, 70C, Lead Spacing = 27.5mm
C4ATJBU4220A3EJ KEMET-C4ATJBU4220A3EJ Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 2.2 uF, 5%, 700 V, 70C, Lead Spacing = 27.5mm
C4ATGBW5330A3NJ KEMET-C4ATGBW5330A3NJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 33 uF, 5%, 450 V, 70C, Lead Spacing = 52.5mm
C4ATFBU4200A3BJ KEMET-C4ATFBU4200A3BJ Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 2 uF, 5%, 400 V, 70C, Lead Spacing = 27.5mm
C4ATJBW4100A3DJ KEMET-C4ATJBW4100A3DJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 1 uF, 5%, 700 V, 70C, Lead Spacing = 27.5mm
C4ATHBW4330A3GJ KEMET-C4ATHBW4330A3GJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 3.3 uF, 5%, 600 V, 70C, Lead Spacing = 27.5mm
C4ATDBU4330A30J KEMET-C4ATDBU4330A30J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 3.3 uF, 5%, 250 V, 70C, Lead Spacing = 27.5mm
C4ATGBW5100A3FJ KEMET-C4ATGBW5100A3FJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Power, C4AT, 10 uF, 5%, 450 V, 70C, Lead Spacing = 37.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com