Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1748EUE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1748EUE
Description  Triple-Output TFT-LCD DC-DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1748EUE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1748EUE Datasheet HTML 1Page - Maxim Integrated Products MAX1748EUE Datasheet HTML 2Page - Maxim Integrated Products MAX1748EUE Datasheet HTML 3Page - Maxim Integrated Products MAX1748EUE Datasheet HTML 4Page - Maxim Integrated Products MAX1748EUE Datasheet HTML 5Page - Maxim Integrated Products MAX1748EUE Datasheet HTML 6Page - Maxim Integrated Products MAX1748EUE Datasheet HTML 7Page - Maxim Integrated Products MAX1748EUE Datasheet HTML 8Page - Maxim Integrated Products MAX1748EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX1748/MAX8726 triple-output DC-DC converters
in a low-profile TSSOP package provide the regulated
voltages required by active-matrix, thin-film transistor
(TFT) liquid-crystal displays (LCDs). One high-power
DC-DC converter and two low-power charge pumps
convert the +3.3V to +5V input supply voltage into three
independent output voltages.
The primary 1MHz DC-DC converter generates a boost-
ed output voltage (VMAIN) up to 13V using ultra-small
inductors and ceramic capacitors. The low-power
BiCMOS control circuitry and the low on-resistance
(0.35
Ω) of the integrated power MOSFET allows effi-
ciency up to 93%.
The dual charge pumps independently regulate one
positive output (VPOS) and one negative output (VNEG).
These low-power outputs use external diode and
capacitor stages (as many stages as required) to regu-
late output voltages up to +40V and down to -40V. A
proprietary regulation algorithm minimizes output rip-
ple, as well as capacitor sizes for both charge pumps.
For both the MAX1748 and MAX8726, the supply
sequence is VMAIN first, VNEG next, and finally VPOS.
The MAX1748 soft-starts each supply as soon as the
previous supply finishes. The MAX8726 adds a delay
between the startups of VMAIN and VNEG and also
between VNEG and VPOS.
The MAX1748/MAX8726 are available in the ultra-thin
TSSOP package (1.1mm max height).
Applications
TFT Active-Matrix LCD Displays
Passive-Matrix LCD Displays
PDAs
Digital Still Cameras
Camcorders
Features
♦ Three Integrated DC-DC Converters
♦ 1MHz Current-Mode PWM Boost Regulator
Up to +13V Main High-Power Output
±1% Accuracy
High Efficiency (93%)
♦ Dual Charge-Pump Outputs
Up to +40V Positive Charge-Pump Output
Down to -40V Negative Charge-Pump Output
♦ Internal Supply Sequencing
♦ Internal Power MOSFETs
♦ +2.7V to +5.5V Input Supply
♦ 0.1µA Shutdown Current
♦ 0.6mA Quiescent Current
♦ Internal Soft-Start
♦ Power-Ready Output
♦ Ultra-Small External Components
♦ Thin TSSOP Package (1.1mm max)
Triple-Output TFT-LCD
DC-DC Converters
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RDY
TGND
LX
PGND
SUPP
DRVP
SUPN
DRVN
SHDN
TOP VIEW
MAX1748
MAX8726
TSSOP
FB
INTG
REF
IN
GND
FBP
FBN
Pin Configuration
19-3430; Rev 0; 10/04
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
EVALUATION
KIT
AVAILABLE
Ordering Information
Typical Operating Circuit appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX1748EUE
-40°C to +85°C
16 TSSOP
MAX8726EUE
-40°C to +85°C
16 TSSOP


Similar Part No. - MAX1748EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748EUE MAXIM-MAX1748EUE Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
More results

Similar Description - MAX1748EUE

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
   Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1779 MAXIM-MAX1779 Datasheet
503Kb / 18P
   Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
MAX1778 MAXIM-MAX1778 Datasheet
1Mb / 38P
   Quad-Output TFT LCD DC-DC Converters with Buffer
19-1979; Rev 0a; 3/01
MAX1778 MAXIM-MAX1778_12 Datasheet
824Kb / 39P
   Quad-Output TFT LCD DC-DC Converters with Buffer
Rev 2; 10/12
logo
Murata Manufacturing Co...
KDC_NMT MURATA-KDC_NMT Datasheet
153Kb / 4P
   Triple Output 3W DC/DC Converters
logo
Maxim Integrated Produc...
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
   Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
C&D Technologies
NMT CANDD-NMT Datasheet
143Kb / 2P
   Triple Output 3W DC-DC Converters
logo
Murata Manufacturing Co...
TWR30W MURATA-TWR30W Datasheet
175Kb / 5P
   30W, Triple Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com