Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP783.3-1 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP783.3-1
Description  Wide Input Non-Isolated?갧egulated Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP783.3-1 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP783.3-1 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP783.3-1 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP783.3-1 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP78xx-1 Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TP78xx-1 series has high efficiency, short circuit protection, Thermal
shutdown, no heat sink required, Industry standard pinout.ideal for redialing 78xx
linear regulates and are pin compatible.
Wide Input Non-Isolated、Regulated Single Output
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min
Typ.
Max.
Units
Output voltage accuracy
100% full load, input voltage range
±2
±3
%
Line regulation
Vin=min. to max, at full load
±0.5
±0.75
Load regulation
10% to 100% load
±0.5
±1.0
Ripple & Noise
20MHz bandwidth,(refer to figure 3)
25
45
mvp-p
Short circuit protection
Continuous, auto-recovery
Thermal shutdown
Internal IC junction
150
Output current limit
3000
mA
Switching frequency
Full load, input voltage range
335
385
435
KHz
Dynamic load stability
±100
mA
Quiescent current
Vin from min to max and at 0% load
7
10
mA
Temperature coefficient
–40 ~+85
℃℃
±0.02
%/℃
Max capacitance load
1000
μF
All specifications typical at TA=25ºC, nominal input voltage and rated output current unless otherwise specified.
COMMON SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
Operating temp. range
Power derating (above 71ºC)
-40
85
Storage temp. range
-55
125
Storage temp. Range Temp rise at full load
100
Lead temperature
1.5mm from case for 10 seconds
300
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
25℃(MIL-HDBK-217F)
2000
k hours
Weight
2.0
g
FEATURES
ROHS Compliant
Wide input non-isolated、regulated single output
Efficiency up to 93%
Short circuit protection, Thermal shutdown
Temperature range: -40ºC ~ +85ºC
Low ripple noise
SIP package
No heat sink required
Industry standard pinout
SELECTION GUIDE
Part Number
Input Voltage (VDC)
Output
Efficiency(%)
Nominal
Range
Voltage(VDC)
Current(mA)
Vin (Min)
Vin(Max)
TP781.5-1
12
4.75~18
1.5
1000
78
72
TP781.8-1
12
4.75~18
1.8
1000
82
76
TP782.5-1
12
4.75~18
2.5
1000
87
82
TP783.3-1
12
4.75~20
3.3
1000
90
83
TP785.0-1
12
6.5~20
5.0
1000
93
85
TOPPOWER


Similar Part No. - TP783.3-1

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP783.3-1 TOPPOWER-TP783.3-1 Datasheet
790Kb / 3P
   Wide Input Non-Isolated?갧egulated Single Output
More results

Similar Description - TP783.3-1

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP78XX-0.5 TOPPOWER-TP78XX-0.5 Datasheet
794Kb / 3P
   Wide Input Non-Isolated?갧egulated Single Output
TP78XX TOPPOWER-TP78XX Datasheet
184Kb / 3P
   Wide Input Non-Isolated?갧egulated Single Output
TP78XX-0.5 TOPPOWER-TP78XX-0.5_V01 Datasheet
293Kb / 3P
   Wide Input Non-Isolated?갧egulated Single Output
TP78XX-1 TOPPOWER-TP78XX-1_V01 Datasheet
790Kb / 3P
   Wide Input Non-Isolated?갧egulated Single Output
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com