Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP06DA24S12W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP06DA24S12W
Description  6W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP06DA24S12W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP06DA24S12W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP06DA24S12W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP06DA24S12W Datasheet HTML 3Page - Toppower Electronic Technology Limited TP06DA24S12W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP06DA Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 / 4
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to Output
500
3000
VDC
Isolation resistance
Input to Output
100M
ohm
Seismic
10~55Hz
5
G
MTBF
MIL-HDBK-217F2
5 x 10
5
hrs
Over-current protection mode
Full input range
Auto recovery
Cooling
Free air convection
Case material
Metal case
OUTPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Voltage accuracy
Io=0.1 1.0 x Ionom Vi=Vi rated
±1
%
Line regulation
Vimin≤Vi≤Vimax
±0.2
%
Load regulation
Io=0.1 1.0 x Ionom
Vimin≤ Vi≤Vimax
±0.5
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the auxiliary
circuit of the load with at least 25%, the main circuit
with full load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin≤Vi≤Vimax
120
%
Transient recovery time
25% load change
±5
%
Transient overshoot range
25% load change
400
us
Switch frequency
Vimin≤Vi≤Vimax
300
KHz
INPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Startup voltage
12V Input module(9V -18V)
8.8
9
9.3
VDC
Startup voltage
24V Input module(18V-36V)
18
VDC
Startup voltage
48V Input module(36V-72V )
36
VDC
Startup voltage
24V Input module(9V -36V)
8.8
9
9.3
VDC
Startup voltage
48V Input module(18V-72V)
18
VDC
Start rising time
Input rising time from 5%-100%
20
ms
ENVIRONMENT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Environment temperature
industrial-class
-25
+55
Maximum case temperature
industrial-class
+85
Storage temperature
Industry-class/ Military JI&JII class
-40
+105
Relative humidity
No condensation
5
90
RH(%
Temperature coefficient
±0.02
%/℃
Case temperature under shall not exceed the maximum case temperature level.


Similar Part No. - TP06DA24S12W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP06DA24S12W TOPPOWER-TP06DA24S12W Datasheet
746Kb / 4P
   6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA24S12W TOPPOWER-TP06DA24S12W Datasheet
263Kb / 4P
   6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA24S12W TOPPOWER-TP06DA24S12W Datasheet
237Kb / 4P
   6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA24S12W TOPPOWER-TP06DA24S12W Datasheet
233Kb / 4P
   6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP06DA24S12W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
   6W Wide Voltage Input DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
   6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA_V02 Datasheet
233Kb / 4P
   6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA_19 Datasheet
746Kb / 4P
   6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA_V01 Datasheet
237Kb / 4P
   6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
logo
MicroPower Direct, LLC
MR0611S MPD-MR0611S Datasheet
1Mb / 4P
   Ultra-Wide Input, 6W Miniature, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP06AZ TOPPOWER-TP06AZ Datasheet
288Kb / 3P
   6W 3KV Isolation Wide Input AC/DC Converters
logo
MicroPower Direct, LLC
MHI600ARWI8 MPD-MHI600ARWI8 Datasheet
545Kb / 2P
   Wide Input, 6W DIP Ultra-High Isolation DC/DC Converters
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com