Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP03AZ-S12 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP03AZ-S12
Description  3W 2.5KV Isolation Wide Input AC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AZ-S12 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP03AZ-S12 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AZ-S12 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AZ-S12 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP03AZ Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 / 3
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage accuracy
Io=0.1…1.0 x Ionom Vi=Vi rated
±2
%
±2
%
Line regulation
Vimin≤Vi≤Vimax
±0.1
%
Load regulation
Io=0.1…1.0 x Ionom Vimin≤ Vi≤Vimax
±1
%
Ripple and noise
20MHz bandwidth
50
mVp-p
Over-current protection
Vimin≤Vi≤Vimax
120
%
Switch frequency
Vimin≤Vi≤Vimax
100K
Hz
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Startup voltage
220VAC In module(90V-264V)
90
220
264
VAC
Input frequency
47 ~ 440Hz
Input current
45mA / 115VAC
23m A / 230VAC
ENVIRONMENT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating temperature
industrial-class
-40
+70
Maximum case temperature
industrial-class
+95
Storage temperature
Industry-class
-40
+85
Relative humidity
No condensation
25
85
RH(%)
Temperature coefficient
±0.03
%/℃
Output Derating


Similar Part No. - TP03AZ-S12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA Datasheet
705Kb / 4P
   3W 3KV Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
705Kb / 4P
   3W 3KV Isolation Wide Input AC/DC Converters
More results

Similar Description - TP03AZ-S12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AR TOPPOWER-TP03AR Datasheet
242Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC Datasheet
192Kb / 3P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR Datasheet
242Kb / 4P
   5W 2.5KV Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS Datasheet
214Kb / 4P
   5W 2.5KV Isolation Wide Input AC/DC Converters
TP10AS TOPPOWER-TP10AS Datasheet
208Kb / 4P
   10W 2.5KV Isolation Wide Input AC/DC Converters
TP10AT TOPPOWER-TP10AT Datasheet
226Kb / 4P
   10W 2.5KV Isolation Wide Input AC/DC Converters
TP15AT TOPPOWER-TP15AT Datasheet
214Kb / 4P
   15W 2.5KV Isolation Wide Input AC/DC Converters
TP20AU TOPPOWER-TP20AU Datasheet
215Kb / 4P
   20W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com