Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP03AZ-S12 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP03AZ-S12
Description  3W 2.5KV Isolation Wide Input AC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AZ-S12 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP03AZ-S12 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AZ-S12 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AZ-S12 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP03AZ Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 3 / 3
STEMPERATURE DERATING
MECHANICAL DIMENSIONS
Pin
Function
1
AC
2
AC
3
-Vo
4
+Vo
Block Diagram
C1, C2, C3, C4, C5 capacitor values refer to parameter table
USING ATTENTIONS
1.The output filter capacitor C4 is electrolytic capacitor, recommend using of high frequency and low resistance of electrolytic capacitors,
the capacity and the current flowing-through need refer to the technical specifications provided by the manufacturer. Capacitance voltage
derating is greater than 80% .C5 is use to remove high frequency noise.TVS D1 is used for protecting flow-up circuit (when module be
abnormal)and recommended to use.
2.EMC filter used in the dashed box is to meet the higher requirements,if it is used in general applications,it can be omitted.
3.Our company makes the circuit(C1,C2,C3,NF) in the dashed box into products,and named:FA01 and can be used with switching power supply.
* Pin not fitted on single output variants
Units:mm
Tolerance:±0.2mm


Similar Part No. - TP03AZ-S12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA Datasheet
705Kb / 4P
   3W 3KV Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA220D05 TOPPOWER-TP03AA220D05 Datasheet
705Kb / 4P
   3W 3KV Isolation Wide Input AC/DC Converters
More results

Similar Description - TP03AZ-S12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AR TOPPOWER-TP03AR Datasheet
242Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC Datasheet
192Kb / 3P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR Datasheet
242Kb / 4P
   5W 2.5KV Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS Datasheet
214Kb / 4P
   5W 2.5KV Isolation Wide Input AC/DC Converters
TP10AS TOPPOWER-TP10AS Datasheet
208Kb / 4P
   10W 2.5KV Isolation Wide Input AC/DC Converters
TP10AT TOPPOWER-TP10AT Datasheet
226Kb / 4P
   10W 2.5KV Isolation Wide Input AC/DC Converters
TP15AT TOPPOWER-TP15AT Datasheet
214Kb / 4P
   15W 2.5KV Isolation Wide Input AC/DC Converters
TP20AU TOPPOWER-TP20AU Datasheet
215Kb / 4P
   20W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com