Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS1587IS-1.5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMS1587IS-1.5
Description  5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS1587IS-1.5 Datasheet(HTML) 4 Page - Texas Instruments

  LMS1587IS-1.5 Datasheet HTML 1Page - Texas Instruments LMS1587IS-1.5 Datasheet HTML 2Page - Texas Instruments LMS1587IS-1.5 Datasheet HTML 3Page - Texas Instruments LMS1587IS-1.5 Datasheet HTML 4Page - Texas Instruments LMS1587IS-1.5 Datasheet HTML 5Page - Texas Instruments LMS1587IS-1.5 Datasheet HTML 6Page - Texas Instruments LMS1587IS-1.5 Datasheet HTML 7Page - Texas Instruments LMS1587IS-1.5 Datasheet HTML 8Page - Texas Instruments LMS1587IS-1.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LMS1585A , LMS1587
SNVS061G – MONTH 2003 – REVISED JULY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Typicals and limits appearing in normal type apply for TJ = 25˚C. Limits appearing in Boldface type apply over the entire
junction temperature range for operation, 0
˚C to 125˚C for commercial grade and −40˚C to 125˚C for industrial grade.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VREF
Reference Voltage
LMS1585A-ADJ
VIN−VOUT = 3V, IOUT = 10mA
1.238
1.250
1.262
V
10mA
≤ IOUT ≤ 5A, 1.5V ≤ VIN− VOUT ≤ 5.75V
1.225
1.250
1.275
V
LMS1587-ADJ
10mA
≤ IOUT ≤ 3A, 1.5V ≤ VIN−VOUT ≤ 5.75V
1.225
1.250
1.275
V
VOUT
Output Voltage
LMS1585A-1.5
IOUT = 0mA, VIN = 5V
1.485
1.500
1.515
V
0
≤ IOUT ≤ 5A, 3V ≤ VIN ≤ 7V
1.470
1.530
V
LMS1585A-3.3
I OUT = 0mA, V IN = 5V
3.267
3.300
3.333
V
0
≤ I OUT ≤ 5A, 4.75V ≤ V IN ≤ 7V
3.235
3.300
3.365
V
LMS1587-1.5
V IN = 5V, I OUT = 0mA, TJ = 25˚C
1.485
1.500
1.515
V
0
≤ I OUT ≤ 3A, 3V ≤ VIN ≤ 7V
1.470
1.500
1.530
V
LMS1587-3.3
0
≤ I OUT ≤ 3A, 4.75V ≤ VIN ≤ 7V
3.235
3.300
3.365
V
∆VOUT
Line Regulation(3)
LMS1585A/87-ADJ
IOUT = 10mA, 2.75V ≤ V IN ≤ 7V
0.005
0.2
%
LMS1585A/87-3.3
I OUT = 0mA, 4.75V ≤ VIN ≤ 7V
0.005
0.2
%
LMS1585A/87-1.5
I OUT = 0mA, 3V ≤ VIN ≤ 7V
0.005
0.2
%
∆VOUT
Load Regulation(3)
LMS1585A-ADJ
0.3
%
VIN−VOUT = 3V, 10mA ≤ IOUT ≤ 5A
0.05
0.5
LMS1585A-1.5/LMS1585A-3.3
0.05
0.3
%
VIN = 5V, 0 ≤ IOUT ≤ 5A
0.05
0.5
LMS1587-ADJ
0.05
0.3
VIN−VOUT = 3V, 10mA ≤ IOUT ≤ 3A
0.05
0.5
%
LMS1587-1.5/LMS1587-3.3
0.05
0.3
%
VIN = 5V, 0 ≤ IOUT ≤ 3A
0.05
0.5
%
VIN−VOUT
Dropout Voltage
LMS1585A-ADJ/LMS1587-ADJ
∆VREF = 1%, IOUT = 3A
1.15
1.3
V
LMS1585A-3.3/LMS1587-3.3/
LMS1585A-1.5/LMS1587-1.5
∆VOUT = 1%, IOUT = 3A
1.15
1.3
V
LMS1585A-ADJ
∆VREF = 1%, IOUT = 5A
1.2
1.4
V
LMS1585A-1.5/LMS1585A-3.3
∆VOUT = 1%, IOUT = 5A
1.2
1.4
V
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
Load and line regulation are measured at constant junction temperature, and are ensured up to the maximum power dissipation of 30W.
Power dissipation is determined by the input/output differential and the output current. Ensured maximum power dissipation will not be
available over the full input/output range.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMS1585A LMS1587


Similar Part No. - LMS1587IS-1.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1587IS-1.5 NSC-LMS1587IS-1.5 Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1587IS-1.5 TI1-LMS1587IS-1.5 Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587IS-1.5/NOPB TI1-LMS1587IS-1.5/NOPB Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
More results

Similar Description - LMS1587IS-1.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS1585A TI1-LMS1585A Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CT-33 TI1-LMS1587CT-33 Datasheet
1Mb / 16P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI-LMS1585A_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587 TI-LMS1587_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
LMS1585AEP NSC-LMS1585AEP Datasheet
128Kb / 7P
   Enhanced Plastic 5A and 3A Low Dropout Fast Response Regulators
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com