Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV3220QPHPRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV3220QPHPRQ1
Description  Three-Phase Automotive Gate Driver With Enhanced Protection, Diagnostics, and Monitoring
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV3220QPHPRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV3220QPHPRQ1 Datasheet HTML 7Page - Texas Instruments DRV3220QPHPRQ1 Datasheet HTML 8Page - Texas Instruments DRV3220QPHPRQ1 Datasheet HTML 9Page - Texas Instruments DRV3220QPHPRQ1 Datasheet HTML 10Page - Texas Instruments DRV3220QPHPRQ1 Datasheet HTML 11Page - Texas Instruments DRV3220QPHPRQ1 Datasheet HTML 12Page - Texas Instruments DRV3220QPHPRQ1 Datasheet HTML 13Page - Texas Instruments DRV3220QPHPRQ1 Datasheet HTML 14Page - Texas Instruments DRV3220QPHPRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
NCS
SCLK
SDI
SDO
tsucs
thigh
tsusi
tlow
td2
td1
td1
ttri
tsusi
tsucs
thlcs
thcs
11
DRV3220-Q1
www.ti.com
SLVSDM3 – FEBRUARY 2017
Product Folder Links: DRV3220-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The maximum SPI clock tolerance is ±10%.
(2)
Ensured by characterization.
(3)
Ensured by characterization.
6.6 Serial Peripheral Interface Timing Requirements
POS
13
MIN
NOM
MAX
UNIT
13.1
ƒSPI
SPI clock (SCLK) frequency
4(1)
MHz
13.2
tSPI
SPI clock period(2)
250
ns
13.3
thigh
High time: SCLK logic high duration(2)
90
ns
13.4
tlow
Low time: SCLK logic low duration(2)
90
ns
13.5
tsucs
Setup time NCS: time between falling edge of NCS and rising edge of SCLK (2)
tSPI / 2
ns
13.6
td1
Delay time: time delay from falling edge of NCS to data valid at SDO(3)
60
ns
13.7
tsusi
Setup time at SDI: setup time of SDI before the rising edge of SCLK (2)
30
ns
13.8
td2
Delay time: time delay from falling edge of SCLK to data valid at SDO (3)
0
60
ns
13.9
thcs
Hold time: time between the falling edge of SCLK and rising edge of NCS (2)
45
ns
13.10
thlcs
SPI transfer inactive time (time between two transfers)(2)
250
ns
13.11
ttri
Tri-state delay time: time between rising edge of NCS and SDO in tri-state(2)
30
ns
Figure 1. SPI Timing Parameters


Similar Part No. - DRV3220QPHPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
412Kb / 44P
[Old version datasheet]   3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201-Q1 TI1-DRV3201-Q1_16 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201QPAPQ1 TI1-DRV3201QPAPQ1 Datasheet
412Kb / 44P
[Old version datasheet]   3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201QPAPQ1 TI1-DRV3201QPAPQ1 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
More results

Similar Description - DRV3220QPHPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3205-Q1 TI1-DRV3205-Q1 Datasheet
127Kb / 6P
[Old version datasheet]   DRV3205-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Enhanced Protection, Diagnostics, and Monitoring
DRV3205-Q1 TI-DRV3205-Q1_15 Datasheet
111Kb / 6P
[Old version datasheet]   DRV3205-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Enhanced Protection, Diagnostics, and Monitoring
DRV3245Q-Q1 TI1-DRV3245Q-Q1 Datasheet
135Kb / 6P
[Old version datasheet]   3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245Q-Q1 TI1-DRV3245Q-Q1_18 Datasheet
138Kb / 6P
[Old version datasheet]   3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV3245Q-Q1 TI-DRV3245Q-Q1_V02 Datasheet
1Mb / 17P
[Old version datasheet]   DRV3245Q-Q1 3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
REVISED MAY 2023
DRV3245E-Q1 TI1-DRV3245E-Q1_19 Datasheet
771Kb / 11P
[Old version datasheet]   3-Phase Grade 0 Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245Q-Q1 TI1-DRV3245Q-Q1_V01 Datasheet
786Kb / 12P
[Old version datasheet]   DRV3245Q-Q1 3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245E-Q1 TI1-DRV3245E-Q1 Datasheet
770Kb / 10P
[Old version datasheet]   3-Phase Grade 0 Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com