Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV3220-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV3220-Q1
Description  Three-Phase Automotive Gate Driver With Enhanced Protection, Diagnostics, and Monitoring
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV3220-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  DRV3220-Q1 Datasheet HTML 1Page - Texas Instruments DRV3220-Q1 Datasheet HTML 2Page - Texas Instruments DRV3220-Q1 Datasheet HTML 3Page - Texas Instruments DRV3220-Q1 Datasheet HTML 4Page - Texas Instruments DRV3220-Q1 Datasheet HTML 5Page - Texas Instruments DRV3220-Q1 Datasheet HTML 6Page - Texas Instruments DRV3220-Q1 Datasheet HTML 7Page - Texas Instruments DRV3220-Q1 Datasheet HTML 8Page - Texas Instruments DRV3220-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
40
W
PWM
(3× or 6× pins)
SPI
FETs
Controller
/
DRV3220-Q1
Driver
ADC
3.3 V, 5 V
M
12 V, 24 V
Protection
Diagnostics
S/D
Paths
/
/
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV3220-Q1
SLVSDM3 – FEBRUARY 2017
DRV3220-Q1 Three-Phase Automotive Gate Driver With Enhanced Protection,
Diagnostics, and Monitoring
1
1 Features
1
AEC-Q100 Qualified for Automotive Applications:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Three-Phase Bridge Driver for Motor Control
Suitable for 12-V and 24-V Applications
Integrated Boost Converter, Gate Drive to 4.75 V
Drives 6 Separate N-Channel Power MOSFETs
Strong 1-A Gate Drive for High-Current FETs
Programmable Dead Time
PWM Frequency up to 20 kHz
Supports 100% Duty Cycle Operation
Short-Circuit Protection
VDS-Monitoring (Adjustable Detection Level)
Overvoltage and Undervoltage Protection
Overtemperature Warning and Shut Down
Sophisticated Failure Detection and Handling
Through SPI
System Supervision
Q&A Watchdog
I/O Supply Monitoring
ADREF Monitoring
Programmable Internal Fault Diagnostics
Sleep Mode Function
Thermally-Enhanced 48-Pin HTQFP PowerPAD™
IC Package (7-mm × 7-mm Body)
2 Applications
Automotive Motor-Control Applications
Electrical Power Steering (EPS, EHPS)
Electrical Brake and Brake Assist
Transmission
Pumps
Industrial Motor-Control Applications
3 Description
The DRV3220-Q1 bridge driver is dedicated to
automotive three-phase brushless DC motor control
applications. The device provides six dedicated
drivers
for
standard-level
N-channel
MOSFET
transistors. A boost converter with an integrated FET
provides the overdrive voltage, allowing full control on
the power stages even for low battery voltage down
to 4.75 V. The strong driver strength is suitable for
high-current applications and programmable to limit
peak output current.
The device incorporates robust FET protection and
system monitoring functions like a Q&A watchdog
and voltage monitors for I/O supplies and ADC
reference voltages. Integrated internal diagnostic
functions can be accessed and programmed through
an SPI interface.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV3220-Q1
HTQFP (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Diagram


Similar Part No. - DRV3220-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
412Kb / 44P
[Old version datasheet]   3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201-Q1 TI1-DRV3201-Q1_16 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201QPAPQ1 TI1-DRV3201QPAPQ1 Datasheet
412Kb / 44P
[Old version datasheet]   3 Phase Motor Driver-IC for Automotive Safety Applications
DRV3201QPAPQ1 TI1-DRV3201QPAPQ1 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
More results

Similar Description - DRV3220-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3205-Q1 TI1-DRV3205-Q1 Datasheet
127Kb / 6P
[Old version datasheet]   DRV3205-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Enhanced Protection, Diagnostics, and Monitoring
DRV3205-Q1 TI-DRV3205-Q1_15 Datasheet
111Kb / 6P
[Old version datasheet]   DRV3205-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Enhanced Protection, Diagnostics, and Monitoring
DRV3245Q-Q1 TI1-DRV3245Q-Q1 Datasheet
135Kb / 6P
[Old version datasheet]   3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245Q-Q1 TI1-DRV3245Q-Q1_18 Datasheet
138Kb / 6P
[Old version datasheet]   3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV3245Q-Q1 TI-DRV3245Q-Q1_V02 Datasheet
1Mb / 17P
[Old version datasheet]   DRV3245Q-Q1 3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
REVISED MAY 2023
DRV3245E-Q1 TI1-DRV3245E-Q1_19 Datasheet
771Kb / 11P
[Old version datasheet]   3-Phase Grade 0 Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245Q-Q1 TI1-DRV3245Q-Q1_V01 Datasheet
786Kb / 12P
[Old version datasheet]   DRV3245Q-Q1 3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245E-Q1 TI1-DRV3245E-Q1 Datasheet
770Kb / 10P
[Old version datasheet]   3-Phase Grade 0 Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com