Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6380 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-BGA-6380
Description  Easily removable swivel socket lid
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6380 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-BGA-6380 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6380 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6380 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6380 Datasheet HTML 4Page - Ironwood Electronics. SG-BGA-6380 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
21.3625 (x8)
5.08
0.85±0.05 (x2)
Non-plated alignment hole
0.6000 pad (x1521)
1.70±0.10 (x8)
Non-plated mounting hole
1.00 typ.
2.3625
2.7375*
45.225±0.125
Socket base size
42.725±0.050 (x4)
47.725
Insulation Plate
Orientation Mark
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
Recommended PCB Layout Top View
Note: Full BGA pattern shown. Please adjust pattern
according to individual requirements.
Target PCB Recommendations
Total Thickness: 2.4mm min.
Plating: Gold or Solder finish.
PCB Pad Height: Same or higher than solder mask.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 2/20/13
Material: N/A
Finish: N/A
Weight: 196.06
SG-BGA-6380 Drawing
SCALE: 2:1
SHEET: 2 OF 5
ENG: S. Huang
FILE: SG-BGA-6380 Dwg
DRAWN BY: S. Huang


Similar Part No. - SG-BGA-6380

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6381 IRONWOOD-SG-BGA-6381 Datasheet
414Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6382 IRONWOOD-SG-BGA-6382 Datasheet
549Kb / 4P
   Easily removable swivel top lid
SG-BGA-6383 IRONWOOD-SG-BGA-6383 Datasheet
284Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6384 IRONWOOD-SG-BGA-6384 Datasheet
582Kb / 5P
   Ball guide prevents over compression of elastomer
SG-BGA-6385 IRONWOOD-SG-BGA-6385 Datasheet
363Kb / 6P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SG-BGA-6380

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6376 IRONWOOD-SG-BGA-6376 Datasheet
357Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6391 IRONWOOD-SG-BGA-6391 Datasheet
430Kb / 5P
   Easily removable swivel socket lid
SG-BGA-6423 IRONWOOD-SG-BGA-6423 Datasheet
225Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2042 IRONWOOD-GT-BGA-2042 Datasheet
389Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3001 IRONWOOD-GT-QFN-3001 Datasheet
353Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3009 IRONWOOD-GT-QFN-3009 Datasheet
306Kb / 4P
   Easily removable swivel socket lid
SG15-BGA-1000 IRONWOOD-SG15-BGA-1000 Datasheet
364Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2000 IRONWOOD-SG25-BGA-2000 Datasheet
367Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2002 IRONWOOD-SG25-BGA-2002 Datasheet
386Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2012 IRONWOOD-SG25-BGA-2012 Datasheet
496Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2004 IRONWOOD-GT-BGA-2004 Datasheet
771Kb / 5P
   Easily removable swivel socket lid
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com