Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM9627 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM9627 Datasheet HTML 23Page - National Semiconductor (TI) LM9627 Datasheet HTML 24Page - National Semiconductor (TI) LM9627 Datasheet HTML 25Page - National Semiconductor (TI) LM9627 Datasheet HTML 26Page - National Semiconductor (TI) LM9627 Datasheet HTML 27Page - National Semiconductor (TI) LM9627 Datasheet HTML 28Page - National Semiconductor (TI) LM9627 Datasheet HTML 29Page - National Semiconductor (TI) LM9627 Datasheet HTML 30Page - National Semiconductor (TI) LM9627 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Confidential
27
www.national.com
Register Set (continued)
Register Name Snapshot Mode Configuration Register 0
Address
09 Hex
Mnemonic
SNAPMODE0
Type
Read/Write
Reset Value
00 Hex
Register Name Snapshot Mode Configuration Register 1
Address
0A Hex
Mnemonic
SNAPMODE1
Type
Read/Write
Reset Value
00 Hex.
Bit
Bit Symbol
Description
7.6
SsFrames
Program to set the number of
frames required before readout
during a snapshot with no external
shutter, (see Figure 18). By
default these two bits are set to 00
resulting in one frame before
readout:
5
ShutterEn
Assert to indicate that an external
shutter will be used during snap-
shot mode. Clear (the default) to
indicate that snapshot mode will
be carried out without the aid of an
external shutter.
4
ExtSynPol
Assert to set the active level of the
extsync signal to 0. Clear (the
default) to set the active level of
the extsync signal to 1.
3
Reserved
2
SnapshotMod
Assert to set the snapshot pin to
level mode. In level mode the sen-
sor will continually run snapshot
sequences as long as the snap-
shot pin is held to the active level.
Clear (the default) to set the snap-
shot signal to pulse mode. In
pulse mode the sensor will only
carry out one snapshot sequence
per pulse applied to the snapshot
pin.
1
SnapShotPol
Assert to set the snapshot pin to
be active on the positive edge.
Clear (the default) to set the snap-
shot pin to be active on the nega-
tive edge.
0
IrqPol
Assert to set the active level of the
irq signal to 0, Clear (the default)
to set the active level of the irq
signal to 1.
0
one frame
01
two frames
10
three frames
11
four frames
Bit
Bit Symbol
Description
7
SnapIntEn
Assert to enable the snapshot
interrupt generator. Clear (the
default) to disable the interrupt
generator.
6
SsTrigFlag
(Read Only Bit)
Snapshot trigger interrupt flag.
A logic 1 in this bit indicates that
the generated interrupt on the
irq pin is due to a snapshot trig-
ger. This bit is cleared when
read.
5
SsRdFlag
(Read Only Bit)
Snapshot read done interrupt
flag. A logic 1 in this bit indicates
that the generated interrupt on
the irq pin is due to the comple-
tion
of
a
snapshot
readout
sequence. This bit is cleared
when read.
4
SsEngage
Assert to allow a CPU controlled
snapshot sequence. In this
mode the snapshot trigger will
only generate an interrupt to the
CPU and the CPU must manu-
ally start the snapshot sequence
by asserting the FTriggerEn bit
of this register.
Clear (the default) engage an
automatic snapshot sequence.
In auto mode the snapshot
sequence is started as soon as
a snapshot trigger is asserted.
3
FtSync
(Read Only Bit)
The internal synchronisation
signal. A logic 1 on this bit indi-
cates a synchronization event is
required. This bit is functionally
equivalent to the external
extsync pin.
2
FtBusy
(Read Only Bit)
The Frame Trigger Busy bit. A
logic 1 on this bit indicates that
the sensor is busy reading out
pixel data as shown in Figure
18.
1
FTriggerNow
Assert to start a snapshot
sequence. The frame trigger
now is functionally equivalent to
the external snapshot pin. The
default is 0.
0
FTriggerEn
Assert to enable a snapshot
sequence (see the SsEngage
bit of this register). The default
is 0.


Similar Part No. - LM9627

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
   LM9628 Color CMOS Image Sensor VGA 30 FPS
LM9628EVAL-KIT NSC-LM9628EVAL-KIT Datasheet
942Kb / 2P
   LM9628 Color CMOS Image Sensor VGA 30 FPS
LM9628IEA NSC-LM9628IEA Datasheet
942Kb / 2P
   LM9628 Color CMOS Image Sensor VGA 30 FPS
LM9628SAMPLE-KIT NSC-LM9628SAMPLE-KIT Datasheet
942Kb / 2P
   LM9628 Color CMOS Image Sensor VGA 30 FPS
More results

Similar Description - LM9627

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
   LM9628 Color CMOS Image Sensor VGA 30 FPS
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
   Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
   Monochrome CMOS Image Sensor VGA 30 FPS
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
   LM9647 Color CMOS Image Sensor VGA 68 FPS
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
logo
National Semiconductor ...
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
   LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
logo
STMicroelectronics
VS6552 STMICROELECTRONICS-VS6552 Datasheet
800Kb / 26P
   VGA Color CMOS Image Sensor Module
VS6502 STMICROELECTRONICS-VS6502 Datasheet
52Kb / 2P
   VGA Color CMOS Image Sensor Module
logo
National Semiconductor ...
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
   LM9648 Color CMOS Image Sensor SXGA 18 FPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com