Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA115EMFHA Datasheet(PDF) 4 Page - Rohm

Part # DTA115EMFHA
Description  PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA115EMFHA Datasheet(HTML) 4 Page - Rohm

  DTA115EMFHA Datasheet HTML 1Page - Rohm DTA115EMFHA Datasheet HTML 2Page - Rohm DTA115EMFHA Datasheet HTML 3Page - Rohm DTA115EMFHA Datasheet HTML 4Page - Rohm DTA115EMFHA Datasheet HTML 5Page - Rohm DTA115EMFHA Datasheet HTML 6Page - Rohm DTA115EMFHA Datasheet HTML 7Page - Rohm DTA115EMFHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DTA115EM FHA
 
 
               
Datasheet
l
lElectrical characteristic curves (Ta =25°C)
Fig.5 Output voltage vs. output current
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
4/5
20161006 - Rev.001


Similar Part No. - DTA115EMFHA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA115EM ROHM-DTA115EM Datasheet
68Kb / 4P
   Digital transistors (built-in resistors)
DTA115EM ROHM-DTA115EM Datasheet
148Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA115EM ROHM-DTA115EM Datasheet
1Mb / 13P
   PNP -100mA -50V Digital Transistor
logo
ON Semiconductor
DTA115EM3 ONSEMI-DTA115EM3 Datasheet
126Kb / 9P
   Digital Transistors (BRT) R1 = 100 k, R2 = 100 k
September, 2012 ??Rev. 1
DTA115EM3 ONSEMI-DTA115EM3 Datasheet
166Kb / 10P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results

Similar Description - DTA115EMFHA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143EUBHZG ROHM-DTA143EUBHZG Datasheet
771Kb / 7P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA144EUAFRA ROHM-DTA144EUAFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143ZMFHA ROHM-DTA143ZMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143XUAFRA ROHM-DTA143XUAFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143XMFHA ROHM-DTA143XMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA124EEFRA ROHM-DTA124EEFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA123YEFRA ROHM-DTA123YEFRA Datasheet
1,004Kb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA115EEFRA ROHM-DTA115EEFRA Datasheet
1,020Kb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA114EMFHA ROHM-DTA114EMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA123YU3HZG ROHM-DTA123YU3HZG Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA124EU3HZG ROHM-DTA124EU3HZG Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com