Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143TUAFRA Datasheet(PDF) 7 Page - Rohm

Part # DTA143TUAFRA
Description  PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA143TUAFRA Datasheet(HTML) 7 Page - Rohm

  DTA143TUAFRA Datasheet HTML 1Page - Rohm DTA143TUAFRA Datasheet HTML 2Page - Rohm DTA143TUAFRA Datasheet HTML 3Page - Rohm DTA143TUAFRA Datasheet HTML 4Page - Rohm DTA143TUAFRA Datasheet HTML 5Page - Rohm DTA143TUAFRA Datasheet HTML 6Page - Rohm DTA143TUAFRA Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Datasheet
Part Number
DTA143TUAFRA
Package
UMT3
Unit Quantity
3000
Minimum Package Quantity
3000
Packing Type
Taping
Constitution Materials List
inquiry
RoHS
Yes
DTA143TUAFRA - Web Page


Similar Part No. - DTA143TUAFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143TUA ROHM-DTA143TUA Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
logo
Jiangsu Changjiang Elec...
DTA143TUA JIANGSU-DTA143TUA Datasheet
122Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA143TUA ROHM-DTA143TUA Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTA143TUA RECTRON-DTA143TUA Datasheet
311Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
logo
Tiger Electronic Co.,Lt...
DTA143TUA TGS-DTA143TUA Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
More results

Similar Description - DTA143TUAFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143EUBHZG ROHM-DTA143EUBHZG Datasheet
771Kb / 7P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA144EUAFRA ROHM-DTA144EUAFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143ZMFHA ROHM-DTA143ZMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143XUAFRA ROHM-DTA143XUAFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143XMFHA ROHM-DTA143XMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA124EEFRA ROHM-DTA124EEFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA123YEFRA ROHM-DTA123YEFRA Datasheet
1,004Kb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA115EEFRA ROHM-DTA115EEFRA Datasheet
1,020Kb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA114EMFHA ROHM-DTA114EMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA123YU3HZG ROHM-DTA123YU3HZG Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA124EU3HZG ROHM-DTA124EU3HZG Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com