Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143ZMFHA Datasheet(PDF) 6 Page - Rohm

Part # DTA143ZMFHA
Description  PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA143ZMFHA Datasheet(HTML) 6 Page - Rohm

  DTA143ZMFHA Datasheet HTML 1Page - Rohm DTA143ZMFHA Datasheet HTML 2Page - Rohm DTA143ZMFHA Datasheet HTML 3Page - Rohm DTA143ZMFHA Datasheet HTML 4Page - Rohm DTA143ZMFHA Datasheet HTML 5Page - Rohm DTA143ZMFHA Datasheet HTML 6Page - Rohm DTA143ZMFHA Datasheet HTML 7Page - Rohm DTA143ZMFHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Notice-PAA-E
Rev.003
© 2015 ROHM Co., Ltd. All rights reserved.
Notice
Precaution on using ROHM Products
1.
If you intend to use our Products in devices requiring extremely high reliability (such as medical equipment
(Note 1),
aircraft/spacecraft, nuclear power controllers, etc.) and whose malfunction or failure may cause loss of human life,
bodily injury or serious damage to property (
“Specific Applications”), please consult with the ROHM sales
representative in advance. Unless otherwise agreed in writing by ROHM in advance, ROHM shall not be in any way
responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of any
ROHM
’s Products for Specific Applications.
(Note1) Medical Equipment Classification of the Specific Applications
JAPAN
USA
EU
CHINA
CLASSⅢ
CLASSⅢ
CLASSⅡb
CLASSⅢ
CLASSⅣ
CLASSⅢ
2.
ROHM designs and manufactures its Products subject to strict quality control system. However, semiconductor
products can fail or malfunction at a certain rate. Please be sure to implement, at your own responsibilities, adequate
safety measures including but not limited to fail-safe design against the physical injury, damage to any property, which
a failure or malfunction of our Products may cause. The following are examples of safety measures:
[a] Installation of protection circuits or other protective devices to improve system safety
[b] Installation of redundant circuits to reduce the impact of single or multiple circuit failure
3.
Our Products are not designed under any special or extraordinary environments or conditions, as exemplified below.
Accordingly, ROHM shall not be in any way responsible or liable for any damages, expenses or losses arising from the
use of any ROHM’s Products under any special or extraordinary environments or conditions. If you intend to use our
Products under any special or extraordinary environments or conditions (as exemplified below), your independent
verification and confirmation of product performance, reliability, etc, prior to use, must be necessary:
[a] Use of our Products in any types of liquid, including water, oils, chemicals, and organic solvents
[b] Use of our Products outdoors or in places where the Products are exposed to direct sunlight or dust
[c] Use of our Products in places where the Products are exposed to sea wind or corrosive gases, including Cl2,
H2S, NH3, SO2, and NO2
[d] Use of our Products in places where the Products are exposed to static electricity or electromagnetic waves
[e] Use of our Products in proximity to heat-producing components, plastic cords, or other flammable items
[f] Sealing or coating our Products with resin or other coating materials
[g] Use of our Products without cleaning residue of flux (even if you use no-clean type fluxes, cleaning residue of
flux is recommended); or Washing our Products by using water or water-soluble cleaning agents for cleaning
residue after soldering
[h] Use of the Products in places subject to dew condensation
4.
The Products are not subject to radiation-proof design.
5.
Please verify and confirm characteristics of the final or mounted products in using the Products.
6.
In particular, if a transient load (a large amount of load applied in a short period of time, such as pulse. is applied,
confirmation of performance characteristics after on-board mounting is strongly recommended. Avoid applying power
exceeding normal rated power; exceeding the power rating under steady-state loading condition may negatively affect
product performance and reliability.
7.
De-rate Power Dissipation depending on ambient temperature. When used in sealed area, confirm that it is the use in
the range that does not exceed the maximum junction temperature.
8.
Confirm that operation temperature is within the specified range described in the product specification.
9.
ROHM shall not be in any way responsible or liable for failure induced under deviant condition from what is defined in
this document.
Precaution for Mounting / Circuit board design
1.
When a highly active halogenous (chlorine, bromine, etc.) flux is used, the residue of flux may negatively affect product
performance and reliability.
2.
In principle, the reflow soldering method must be used on a surface-mount products, the flow soldering method must
be used on a through hole mount products. If the flow soldering method is preferred on a surface-mount products,
please consult with the ROHM representative in advance.
For details, please refer to ROHM Mounting specification


Similar Part No. - DTA143ZMFHA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA143ZM ROHM-DTA143ZM Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA143ZM ROHM-DTA143ZM Datasheet
554Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143ZM ROHM-DTA143ZM Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
More results

Similar Description - DTA143ZMFHA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143EUBHZG ROHM-DTA143EUBHZG Datasheet
771Kb / 7P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA144EUAFRA ROHM-DTA144EUAFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143XUAFRA ROHM-DTA143XUAFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA143XMFHA ROHM-DTA143XMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA124EEFRA ROHM-DTA124EEFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA123YEFRA ROHM-DTA123YEFRA Datasheet
1,004Kb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA115EEFRA ROHM-DTA115EEFRA Datasheet
1,020Kb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA114EMFHA ROHM-DTA114EMFHA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA123YU3HZG ROHM-DTA123YU3HZG Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTA124EU3HZG ROHM-DTA124EU3HZG Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com